Electronic Components Datasheet Search
  English  ▼

X  

PM7389 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM7389
Description  Frame Engine and Datalink Manager
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7389 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM7389 Datasheet HTML 1Page - PMC-Sierra, Inc PM7389 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
Frame Engine and Datalink Manager
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is
available on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-1991477 (r2)
© Copyright PMC-Sierra, Inc. 2001. All rights reserved.
S/UNI is a registered trademark of PMC-Sierra. Any-PHY,
SPECTRA-622, TEMUX-84, FREEDM-84A1024, AAL1gator,
SBI, and PMC-Sierra are trademarks of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Preliminary
PM7389 FREEDM 84A1024
HDLC
• Support for up to 1024 bidirectional
HDLC channels, with individual HDLC
channel speeds ranging from 56 Kbit/s
to 52 Mbit/s. In a channelized
application, the number of time-slots
assigned to an HDLC channel is
programmable from 1 to 24 (for T1/J1)
and from 1 to 31 (for E1).
• The 1024 HDLC channels can be
assigned to a mixture of physical links
via the 19.44 MHz SBI interface. The
SBI transports the equivalent of 3 STS-
1 synchronous payload envelopes
(SPE). Each STS-1 SPE can be
individually configured to carry 28
T1/J1s, 21 E1s or 1 DS3.
• For each channel, supports
programmable flag sequence detection
and generation, bit stuffing and de-
stuffing, and validation and generation
of either CRC-CCITT or CRC-32 frame
check sequences.
• For each channel, the receiver checks
for packet abort sequences, octet
aligned packet length and for minimum
and maximum packet length.
INTERFACES
• 52 MHz 16 bit Any-PHY Level 2 packet
interface for transfer of packet, frame
or fragment data using an external
controller. The interface is capable of
supporting full datagram transfer on a
per Any-PHY channel basis, or
fragmented packets or frames on a per
Any-PHY channel basis.
• A 19.44 MHz SBI bus supporting up to
84 links.
• 3 separate clock and data interfaces to
support 3 links of arbitrary data rate up
to 52 MHz (e.g., DS3/E3). The device
can be configured to process data from
either the clock and data interfaces or
from the SBI on a per clock-data-
link/SPE basis.
• A 100 MHz, 48-bit SDRAM interface
for ingress and egress per
packet/fragment storage.
• A 100 MHz, 32-bit SDRAM interface
for ingress re-sequencing data.
structures.
• A 100 MHz, 36-bit SSRAM interface
for Ingress/Egress Context storage.
• Provides a standard 5 signal P1149.1
JTAG test port for boundary scan.
• A 32-bit microprocessor interface for
configuration and status monitoring.
TECHNOLOGIES
• 40 mm x 40 mm, 520 pin (1.27 mm
pitch) enhanced ball grid array (SBGA)
package.
• Low power 0.18 mm CMOS
technology using 1.8 V core power and
3.3 V I/O.
APPLICATIONS
• IETF PPP interfaces for routers.
• Frame Relay interfaces for ATM or
Frame Relay switches and
multiplexers.
• Internet/Intranet access equipment.
TYPICAL APPLICATION
OC-12 MULTISERVICE ARCHITECTURE
PM73122
AAL1gator-
32
PM73122
AAL1gator-
32
OC-12
TelecomBus
SBI
Any-PHY
(Packet)
Any-PHY
(Cell)
PM5313
SPECTRA-
622
PM73122
AAL1gator-
32
PM7341
S/UNI-IMA-
84
PM7389
FREEDM-
84A1024
Packet/Cell
Internetworking
Function
PM7324
S/UNI-
ATLAS
PM7326
S/UNI-APEX
PM8316
TEMUX-84
PM8316
TEMUX-84
PM8316
TEMUX-84
VoATM DSP
PM8316
TEMUX-84
H-MVIP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com