Electronic Components Datasheet Search
  English  ▼

X  

PCA9673 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9673
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9673 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9673 Datasheet HTML 1Page - NXP Semiconductors PCA9673 Datasheet HTML 2Page - NXP Semiconductors PCA9673 Datasheet HTML 3Page - NXP Semiconductors PCA9673 Datasheet HTML 4Page - NXP Semiconductors PCA9673 Datasheet HTML 5Page - NXP Semiconductors PCA9673 Datasheet HTML 6Page - NXP Semiconductors PCA9673 Datasheet HTML 7Page - NXP Semiconductors PCA9673 Datasheet HTML 8Page - NXP Semiconductors PCA9673 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1.
General description
The PCA9673 provides general purpose remote I/O expansion for most microcontroller
families via the two-line bidirectional bus (I2C-bus) and is a part of the Fast-mode Plus
family.
The PCA9673 is a drop in upgrade for the PCF8575 providing higher Fast-mode Plus
(Fm+) I2C-bus speeds (1 MHz versus 400 kHz) so that the output can support PWM
dimming of LEDs, higher I2C-bus drive (30 mA versus 3 mA) so that many more devices
can be on the bus without the need for bus buffers, higher total package sink capacity
(400 mA versus 100 mA) that supports having all 25 mA LEDs on at the same time and
more device addresses (16 versus 8) are available to allow many more devices on the bus
without address conflicts.
The difference between the PCA9673 and the PCF8575 is that the A2 address pin is
replaced by a RESET input on the PCA9673.
The device consists of a 16-bit quasi-bidirectional port and an I2C-bus interface. The
PCA9673 has a low current consumption and includes latched outputs with 25 mA high
current drive capability for directly driving LEDs.
It also possesses an interrupt line (INT) which can be connected to the interrupt logic of
the microcontroller. By sending an interrupt signal on this line, the remote I/O can inform
the microcontroller if there is incoming data on its ports without having to communicate via
the I2C-bus.
The internal Power-On Reset (POR), hardware reset pin (RESET) or software reset
sequence initializes the I/Os as inputs.
2.
Features
I 1 MHz I2C-bus interface
I Compliant with the I2C-bus Fast and Standard modes
I SDA with 30 mA sink capability for 4000 pF buses
I 2.3 V to 5.5 V operation with 5.5 V tolerant I/Os
I 16-bit remote I/O pins that default to inputs at power-up
I Latched outputs with 25 mA sink capability for directly driving LEDs
I Total package sink capability of 400 mA
I Active LOW open-drain interrupt output
I 16 programmable slave addresses using 2 address pins
I Readable device ID (manufacturer, device type, and revision)
PCA9673
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and
reset
Rev. 01 — 1 February 2007
Product data sheet


Similar Part No. - PCA9673

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9673 NXP-PCA9673 Datasheet
208Kb / 33P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9673 NXP-PCA9673 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9673BQ NXP-PCA9673BQ Datasheet
208Kb / 33P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9673BS NXP-PCA9673BS Datasheet
208Kb / 33P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9673D NXP-PCA9673D Datasheet
208Kb / 33P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
More results

Similar Description - PCA9673

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8575 PHILIPS-PCA8575 Datasheet
179Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 01-30 November 2006
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA8575 NXP-PCA8575 Datasheet
190Kb / 30P
Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 02-21 March 2007
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9672 NXP-PCA9672 Datasheet
172Kb / 27P
Remote 8-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 02-6 July 2007
PCA9673 NXP-PCA9673 Datasheet
208Kb / 33P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9671 NXP-PCA9671_10 Datasheet
799Kb / 35P
Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
logo
ON Semiconductor
PCA9655EDWR2G ONSEMI-PCA9655EDWR2G Datasheet
215Kb / 20P
Remote 16-bit I/O Expander for I2C Bus with Interrupt
May, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com