Electronic Components Datasheet Search
  English  ▼

X  

PCM4220 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220 Datasheet(HTML) 3 Page - Texas Instruments

  PCM4220 Datasheet HTML 1Page - Texas Instruments PCM4220 Datasheet HTML 2Page - Texas Instruments PCM4220 Datasheet HTML 3Page - Texas Instruments PCM4220 Datasheet HTML 4Page - Texas Instruments PCM4220 Datasheet HTML 5Page - Texas Instruments PCM4220 Datasheet HTML 6Page - Texas Instruments PCM4220 Datasheet HTML 7Page - Texas Instruments PCM4220 Datasheet HTML 8Page - Texas Instruments PCM4220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: DIGITAL AND DYNAMIC PERFORMANCE
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
All specifications are at TA = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
PCM4220
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL I/O CHARACTERISTICS
(Applies to all digital pins)
High-level input voltage, VIH
0.7
× VDD
VDD
V
Low-level input voltage, VIL
0
0.3
× VDD
V
High-level input current, IIH
1
10
µA
Low-level input current, IIL
1
10
µA
Highlevel output voltage, VOH
IO = –2mA
0.8
× VDD
VDD
V
Low-level output voltage, VOL
IO = +2mA
0
0.2
× VDD
V
Input capacitance, CIN
3
pF
PCM OUTPUT SAMPLING RATE, fS
Normal mode
8
54
kHz
Double Speed mode
54
108
kHz
Quad Speed mode
108
216
kHz
MASTER CLOCK INPUT
Normal mode, MCKI = 256fS
2.048
13.824
MHz
Double Speed mode, MCKI = 128fS
6.912
13.824
MHz
Quad Speed mode, MCKI = 64fS
6.912
13.824
MHz
DYNAMIC PERFORMANCE(1)
PCM Output, Normal Mode, fS = 48kHz
BW = 22Hz to 20kHz
Total harmonic distortion + noise (THD+N)
f = 997Hz, –1dB input
–108
–100
dB
f = 997Hz, –20dB input
–100
dB
f = 997Hz, –60dB input
–61
dB
Dynamic range, no weighting
f = 997Hz, –60dB input
121
dB
Dynamic range, A-weighted
f = 997Hz, –60dB input
118
123
dB
Channel separation
f = 10kHz, –1dB input
115
135
dB
PCM Output, Double Speed Mode, fS = 96kHz
BW = 22Hz to 40kHz
Total harmonic distortion + noise (THD+N)
f = 997Hz, –1dB input
–108
dB
f = 997Hz, –20dB input
–98
dB
f = 997Hz, –60dB input
–58
dB
Dynamic range, no weighting
f = 997Hz, –60dB input
118
dB
Dynamic range, A-weighted
f = 997Hz, –60dB input
123
dB
Channel separation
f = 10kHz, –1dB input
135
dB
PCM Output, Quad Speed Mode, fS = 192kHz
BW = 22Hz to 40kHz
Total harmonic distortion + noise (THD+N)
f = 997Hz, –1dB input
–107
dB
f = 997Hz, –20dB input
–98
dB
f = 997Hz, –60dB input
–58
dB
Dynamic range, no weighting
f = 997Hz, –60dB input
118
dB
Dynamic range, A-weighted
f = 997Hz, –60dB input
123
dB
Channel separation
f = 10kHz, –1dB input
135
dB
PCM Output, Quad Speed Mode, fS = 192kHz
BW = 22Hz to 80kHz
Total harmonic distortion + noise (THD+N)
f = 997Hz, –1dB input
–106
dB
f = 997Hz, –20dB input
–91
dB
f = 997Hz, –60dB input
–52
dB
Dynamic range, no weighting
f = 997Hz, –60dB input
112
dB
Dynamic range, A-weighted
f = 997Hz, –60dB input
123
dB
Channel separation
f = 10kHz, –1dB input
135
dB
(1)
Typical PCM output performance is measured and characterized with an Audio Precision SYS-2722 192kHz test system and a
PCM4222EVM evaluation module modified for use with the PCM4220. Measurement bandwidth and weighting settings are noted in the
Parameter and Conditions columns. THD+N is measured without the use of weighting filters. Master mode operation is utilized for all
typical performance parameters, with the master clock input frequency (MCKI) set to 12.288MHz.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com