Electronic Components Datasheet Search
  English  ▼

X  

OPB819Z Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB819Z
Description  Slotted Optical Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB819Z Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB819Z Datasheet HTML 1Page - OPTEK Technologies OPB819Z Datasheet HTML 2Page - OPTEK Technologies OPB819Z Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB819Z
Issue A.3
06/07
Page 2 of 3
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
-
-
1.8
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2.0 V
Output Phototransistor
V(BR)(CEO)
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 100 µA, IF = 0, EE = 0
V(BR)(ECO)
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA, IF = 0, EE = 0
ICEO
Collector-Emitter Leakage Current
-
-
100
nA
VCE = 10 V, IF = 0, EE = 0
Coupled
IC(ON)
On-State Collector Current
0.5
-
12.0
mA
VCE = 5 V, IF = 40 mA
VCE(SAT)
Collector-Emitter Saturation Voltage
-
-
0.4
V
IC = 250 µA, IF = 40 mA
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage & Operating Temperature Range
-40° C to +85° C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron]
(1)
260° C
Input Diode
Forward DC Current
50 mA
Peak Forward Current (1 µs pulse width, 300 pps)
3 A
Reverse DC Voltage
2 V
Power Dissipation
(2)
100 mW
Output Phototransistor
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
(2)
100 mW
Collector DC Current
30 mA
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2)
Derate linearly 1.67 mW/°C above 25° C.
(3)
All parameters tested using pulse techniques.
(4)
Methanol or isopropanol are recommended as cleaning agents. Plastic housing is soluble in chlorinated hydrocarbons and
ketones. Spray and wipe. Do not submerge.
(5)
Polarity is denoted by color the wires: LED (Anode—Red, Cathode—Black); Phototransistor (Collector—White, Emitter—Green).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com