Electronic Components Datasheet Search
  English  ▼

X  

PD55035STR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD55035STR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035STR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD55035STR-E Datasheet HTML 4Page - STMicroelectronics PD55035STR-E Datasheet HTML 5Page - STMicroelectronics PD55035STR-E Datasheet HTML 6Page - STMicroelectronics PD55035STR-E Datasheet HTML 7Page - STMicroelectronics PD55035STR-E Datasheet HTML 8Page - STMicroelectronics PD55035STR-E Datasheet HTML 9Page - STMicroelectronics PD55035STR-E Datasheet HTML 10Page - STMicroelectronics PD55035STR-E Datasheet HTML 11Page - STMicroelectronics PD55035STR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Typical performance
PD55035-E, PD55035S-E
8/22
Figure 10.
Efficiency vs bias current
Figure 11.
Output power vs supply voltage
Figure 12.
Efficiency vs supply voltage
Figure 13.
Output power vs gate voltage
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Idq (m A)
Vdd = 12.5 V
Pin = 0.72 W
500 MHz
480, 520 MHz
0
10
20
30
40
50
60
6
8
10
12
14
16
18
Vdd (V)
Idq = 200 m A
Pin = 0.72 W
500 MHz
480 MHz
520 MHz
0
10
20
30
40
50
60
70
80
6
8
10
12
14
16
18
Vdd (V)
Idq = 200 m A
Pin = 0.72 W
500 MHz
480 MHz
520 MHz
0
5
10
15
20
25
30
35
40
45
0
0.5
1
1.5
2
2.5
3
3.5
4
Vgs (V)
Vdd = 12.5 V
Pin = 0.72 W
520
480 MHz
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com