Electronic Components Datasheet Search
  English  ▼

X  

PDB-C201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDB-C201
Description  Blue Enhanced Bi-Cell Silicon Photodiode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDB-C201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDB-C201 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Low capacitance
• Blue enhanced
• High speed
• Low dark current
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
100
V
TSTG
Storage Temperature
-55
+150
°C
TO
Operating Temperature
-40
+125
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISC
Short Circuit Current
H = 100 fc, 2850 K
50
75
µA
ID
Dark Current
VR = 5V
0.5
2.0
nA
RSH
Shunt Resistance
VR = 10 mV
250
500
MΩ
CJ
Junction Capacitance
VR =10 V, f = 1 MHz
15
pF
lrange
Spectral Application Range
Spot Scan
350
1100
nm
VBR
Breakdown Voltage
I = 10 μA
50
75
V
NEP
Noise Equivalent Power
VR = 0V @ l=Peak
1X10
-14
W/ √ Hz
RL = 50 Ω,VR = 0 V
190
tr
Response Time**
RL = 50 Ω,VR = 10 V
13
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Wavelength (nm)
PDB-C201
PACKAGE DIMENSIONS INCH [mm]
TO-46 PACKAGE
The PDB-C201 is a blue enhanced Bi-Cell silicon
photodiode used for nulling, centering, or measuring
small positional changes packaged in a hermetic
TO-5 metal package.
• Emitter Alignment
• Position sensing
• Medical and Industrial
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
TO-5 PACKAGE
.150 [3.81] SQUARE
2X .050 [1.27] ACTIVE AREA
2X .100 [2.54] ACTIVE AREA
.004 [0.10] GAP
ANODE CELL #1
CELL 1
CELL 2
1
2
3
ANODE CELL #2
CASE GROUND &
COMMON CATHODE
SCHEMATIC
1
2
72°
VIEWING
ANGLE
Ø.245 [6.22]
Ø.255 [6.48]
Ø.320 [8.13]
Ø.330 [8.38]
3X .50 [12.7] MIN
3X Ø.018 [0.46]
.010 [0.25] MAX
GLASS ABOVE CAP TOP EDGE
.075 [1.91]
.168 [4.27]
45°
1
2
3
Ø.200 [5.08]
PIN CIRCLE
Ø .362 [9.19]
Ø .357 [9.07]
Blue Enhanced Bi-Cell Silicon Photodiode
www.lasercomponents.com
Issue:
08/06 / V1 / HW / api/si-pin/bi-cells/ pdb-c201.pdf
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com
Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk


Similar Part No. - PDB-C201

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C201 ADVANCEDPHOTONIX-PDB-C201 Datasheet
147Kb / 1P
Blue Enhanced Bi-Cell Silicon Photodiode
logo
Luna Innovations Incorp...
PDB-C201 LUNA-PDB-C201 Datasheet
134Kb / 2P
Blue Enhanced Bi-Cell Silicon Photodiode
More results

Similar Description - PDB-C201

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C201 ADVANCEDPHOTONIX-PDB-C201 Datasheet
147Kb / 1P
Blue Enhanced Bi-Cell Silicon Photodiode
SD066-24-21-011 ADVANCEDPHOTONIX-SD066-24-21-011 Datasheet
102Kb / 1P
Red Enhanced Bi-Cell Silicon Photodiode
SD113-24-21-021 ADVANCEDPHOTONIX-SD113-24-21-021 Datasheet
102Kb / 1P
Red Enhanced Bi-Cell Silicon Photodiode
SD160-24-21-021 ADVANCEDPHOTONIX-SD160-24-21-021 Datasheet
103Kb / 1P
Red Enhanced Bi-Cell Silicon Photodiode
logo
List of Unclassifed Man...
SD385-24-21-041 ETC2-SD385-24-21-041 Datasheet
169Kb / 2P
Red Enhanced Bi-Cell Silicon Photodiode
logo
Luna Innovations Incorp...
PDB-C201 LUNA-PDB-C201 Datasheet
134Kb / 2P
Blue Enhanced Bi-Cell Silicon Photodiode
SD113-24-21-021 LUNA-SD113-24-21-021 Datasheet
108Kb / 2P
Red Enhanced Bi-Cell Silicon Photodiode
SD160-24-21-021 LUNA-SD160-24-21-021 Datasheet
125Kb / 2P
Red Enhanced Bi-Cell Silicon Photodiode
SD385-24-21-041 LUNA-SD385-24-21-041 Datasheet
122Kb / 2P
Red Enhanced Bi-Cell Silicon Photodiode
logo
Advanced Photonix, Inc.
SD385-24-21-041 ADVANCEDPHOTONIX-SD385-24-21-041 Datasheet
84Kb / 1P
Red Enhanced Bi-Cell Silicon Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com