Electronic Components Datasheet Search
  English  ▼

X  

PM8315 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM8315
Description  HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED VT/TU MAPPER AND M13 MULTIPLEXER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8315 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM8315 Datasheet HTML 1Page - PMC-Sierra, Inc PM8315 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
PM8315 TEMUX
High Density T1/E1 Framer with Integrated VT/TU Mapper and M13 Mux
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-1971264 (R4)
© 2001 PMC-Sierra, Inc. All rights
reserved. August 2001
S/UNI is a registered trademark
and AAL1gator-II, Any-PHY,
FREEDM-84A672, SBI,
SPECTRA-155, and TEMUX are
trademarks of PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR IT’S CUSTOMERS’ INTERNAL USE
• M13 Mux/Demux Equipment.
• SONET-SDH Add/Drop and Terminal
Multiplexers.
• Integrated Services Platform.
MULTISERVICE APPLICATION
DS3 LIU
DS3 LIU
PM8315
TEMUX
PM7384
FREEDM-
84A672
SBI
Utopia
TelecomBus
Packet/Cell
Interworking
Function
PM7326
S/UNI-
APEX
PM7324
S/UNI-
ATLAS
PM73122
AAL1gator-
32
PM7341
S/UNI-IMA-84
APPI
OR
3xDS3
PM5342
SPECTRA-155
PM8315
TEMUX
PM8315
TEMUX
TYPICAL APPLICATIONS
STRUCTURED CIRCUIT EMULATION APPLICATION
DS-3
DS-3
LIU
Utopia L2/
Any-PHY
SBI
PM73122
AAL1gator-32
PM8315
TEMUX
• Supports IEEE P1149.1 JTAG test port.
• Provides an 8-bit microprocessor bus
interface for configuration, control, and
status monitoring.
• Low power +2.5/3.3 V CMOS
technology.
• Available in a high density 324-pin
PBGA (23 mm by 23 mm) package.
• -40 oC to +85 oC Industrial
temperature operation.
APPLICATIONS
• Channelized and Unchannelized DS-3
Internet interfaces for Remote Access
Concentrators, Routers and Switches.
• Channelized and Unchannelized DS-3
Frame Relay Interfaces.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com