Electronic Components Datasheet Search
  English  ▼

X  

PM8351 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM8351
Description  8-Channel 1.0-1.25 Gbps Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8351 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM8351 Datasheet HTML 1Page - PMC-Sierra, Inc PM8351 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
© Copyright PMC-Sierra,
Inc. 2001. All rights reserved.
SATURN and S/UNI are
registered trademarks of
PMC-Sierra, Inc. POS-PHY
Level 3 is a trademark of
PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
8-Channel 1.0-1.25 Gbps Transceiver
PM8351 OctalPHY™
32 GBPS SWITCH APPLICATION
EYE DIAGRAM
Produced by the OctalPHY when driving a 50 Ohm cable, terminated at both near and far ends.
JITTER
Jitter histogram of the OctalPHY showing 6.8 picoseconds, 1
σ jitter with all channels operating.
Switch clock domain
Line card clock domain
PM8351
RX data clock domains
Uplink clock domain
Serial Point-to-point
Backplane: 8Gbps
Per line card
Gigabit Ethernet
or Fibre Channel
Interfaces
10 Gbps
(trunked)
uplink
Switch Card
Line Card
PM8351
PM8351
PM8351
PM8351
MAC/Packet processor
MAC/Packet processor
MAC/Packet processor
MAC/Packet processor
PM8351
PM8351
PM8351
PM8351
PM8351
100 . 0 p s /d i v



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com