Electronic Components Datasheet Search
  English  ▼

X  

LC74736PT Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC74736PT
Description  CMOS IC On-Screen Display Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74736PT Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC74736PT Datasheet HTML 17Page - Sanyo Semicon Device LC74736PT Datasheet HTML 18Page - Sanyo Semicon Device LC74736PT Datasheet HTML 19Page - Sanyo Semicon Device LC74736PT Datasheet HTML 20Page - Sanyo Semicon Device LC74736PT Datasheet HTML 21Page - Sanyo Semicon Device LC74736PT Datasheet HTML 22Page - Sanyo Semicon Device LC74736PT Datasheet HTML 23Page - Sanyo Semicon Device LC74736PT Datasheet HTML 24Page - Sanyo Semicon Device LC74736PT Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
LC74736PT
No.A0569-21/106
(3) Second byte-[2]
Content
DA0 to 7
Register
State
Function
Notes
0
7
CB3
[MSB]
1
0
6
CB2
1
0
5
CB1
1
0
4
CB0
[LSB]
1
Character background color specification
0000 to 1111, or 0 to F (hexadecimal)
Character background color specification
When a character glyph is specified,
1 of 16 colors may be selected.
0
3
CC3
[MSB]
1
0
2
CC2
1
0
1
CC1
1
0
0
CC0
[LSB]
1
Character color specification
0000 to 1111, or 0 to F (hexadecimal)
Character color specification
When a character glyph is specified,
1 of 16 colors may be selected.
(4) Second byte-[3]
Content
DA0 to 7
Register
State
Function
Notes
7
-
0
0
6
CTB1
1
0
5
CTB0
1
CTB1 CTB0
0
0
Color table number 1
0
1
Color table number 2
1
0
Color table number 3
1
1
Color table number 4
Color table selection
0
Character RAM (internal)
4
I/E
1
External ROM
ROM selection
0
3
M/G1
1
0
1
2
M/G0
1
MG1
MG0
0
0
Character
0
1
Graphic 1(CB, CC invalid)
1
0
Graphic 2
CTB address shown with CB
→ Chantged to CTB address shown
with CC
1
1
Graphic 3
CTBNo of address shown with CB
→ Changed to CTBNo shown
with CC1, CC0
Character/graphic specification
0
1
ROM1
1
0
0
ROM0
1
ROM1 ROM0
0
0
ROM area number 1
0
1
ROM area number 2
1
0
ROM area number 3
1
1
ROM area number 4
ROM area selection
*: This resistor is set to the all bits zero state when the IC is reset by the RST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com