Electronic Components Datasheet Search
  English  ▼

X  

PG05BSESC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG05BSESC
Description  Protection in Portable Electronics Applications.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG05BSESC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG05BSESC Datasheet HTML 1Page - KEC(Korea Electronics) PG05BSESC Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 5. 15
1/2
SEMICONDUCTOR
TECHNICAL DATA
PG05BSESC
Revision No : 1
TVS Diode for ESD
Protection in Portable Electronics
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+
_
+
_
+
_
+
_
+
_
+
_
Type Name
Marking
D2
Protection in Portable Electronics Applications.
FEATURES
Transient voltage protection for data lines.
IEC 61000-4-2(ESD) 15kV(Air), 8kV(Contact).
Small package for portable electronics.
Suitable replacement for Varistors in ESD protection applications.
Protects one I/O or power line.
Low clamping voltage.
Low leakage current.
APPLICATIONS
Cell phone handsets and accessories.
Microprocessor based equipment.
Personal digital assistants (PDA s).
Notebooks, desktops, & servers.
Portable instrument
Pagers peripherals.
MAXIMUM RATING (Ta=25
)
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power (tp=8/20
)
PPK
30
W
Peak Pulse Current (tp=8/20
)
IPP
1.6
A
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
It=5mA
6.65
-
7.45
V
Reverse Leakage Current
IR
VRWM=3.5V
-
-
0.5
A
Claming Voltage
VC
IPP=1A, tp=8/20
-
-
12
V
IPP=1.6A, tp=8/20
-
-
18
V
Series Resistance
RS
VR=1V, f=900MHz
-
-
60
Junction Capacitance
CJ
VR=0V, f=1MHz
-
-
5.0
pF


Similar Part No. - PG05BSESC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05BSESC KEC-PG05BSESC_15 Datasheet
351Kb / 2P
Protection in Portable Electronics
More results

Similar Description - PG05BSESC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03DXTEV KEC-PG03DXTEV Datasheet
439Kb / 2P
Protection in Portable Electronics Applications.
PG03EAESM KEC-PG03EAESM Datasheet
437Kb / 2P
Protection in Portable Electronics Applications.
PG05BAUSM KEC-PG05BAUSM Datasheet
438Kb / 2P
Protection in Portable Electronics Applications.
PG05DXTET KEC-PG05DXTET Datasheet
438Kb / 2P
Protection in Portable Electronics Applications.
PG05DXTEV KEC-PG05DXTEV Datasheet
440Kb / 2P
Protection in Portable Electronics Applications.
PG05EAESM KEC-PG05EAESM Datasheet
438Kb / 2P
Protection in Portable Electronics Applications.
PG15FBUSC KEC-PG15FBUSC Datasheet
439Kb / 2P
Protection in Portable Electronics Applications.
PG15GSUSC KEC-PG15GSUSC Datasheet
438Kb / 2P
Protection in Portable Electronics Applications.
logo
Unisonic Technologies
UZ5C056 UTC-UZ5C056 Datasheet
91Kb / 4P
PROTECTION IN PORTABLE ELECTRONICS APPLICATIONS
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC_15 Datasheet
549Kb / 2P
Protection in Portable Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com