Electronic Components Datasheet Search
  English  ▼

X  

MICRF112YMM Datasheet(PDF) 37 Page - Microchip Technology

Part # MICRF112YMM
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112YMM Datasheet(HTML) 37 Page - Microchip Technology

Back Button MICRF112YMM Datasheet HTML 33Page - Microchip Technology MICRF112YMM Datasheet HTML 34Page - Microchip Technology MICRF112YMM Datasheet HTML 35Page - Microchip Technology MICRF112YMM Datasheet HTML 36Page - Microchip Technology MICRF112YMM Datasheet HTML 37Page - Microchip Technology MICRF112YMM Datasheet HTML 38Page - Microchip Technology MICRF112YMM Datasheet HTML 39Page - Microchip Technology MICRF112YMM Datasheet HTML 40Page - Microchip Technology MICRF112YMM Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
MICRF112
Package Information
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 37
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2023 Microchip Technology Inc.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
L
(L1)
c
R2
R1
Number of Terminals
Overall Height
Terminal Width
Overall Width
Footprint
Molded Package Width
Molded Package Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E1
A2
e
L
E
N
0.50 BSC
0.92
0.40
0.16
0.94
0.05
0.23
0.55
1.02
0.10
MILLIMETERS
MIN
NOM
10
0.70
0.30
1.10
0.15
MAX
L1
0.95 REF
Terminal Length
Overall Length
Molded Package Length
D
D1
3.00 BSC
2.23 BSC
Terminal Thickness
c
0.13
0.15
0.23
R1
R2
-
0.08
-
Lead Bend Radius
-
0.08
0.20
Lead Bend Radius
3°
0°
6°
Foot Angle
0.91
0.95
4.90 BSC
3.00 BSC
10-Lead Plastic Micro Small Outline Package (DQA)- 3x3x1.0 mm Body [MSOP]
Microchip Technology Drawing C04-01081 Rev A
SECTION A–A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com