Electronic Components Datasheet Search
  English  ▼

X  

TSD05C Datasheet(PDF) 6 Page - Texas Instruments

Part # TSD05C
Description  TSDxxC Bidirectional TVS Diodes in SOD-323 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSD05C Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSD05C Datasheet HTML 2Page - Texas Instruments TSD05C Datasheet HTML 3Page - Texas Instruments TSD05C Datasheet HTML 4Page - Texas Instruments TSD05C Datasheet HTML 5Page - Texas Instruments TSD05C Datasheet HTML 6Page - Texas Instruments TSD05C Datasheet HTML 7Page - Texas Instruments TSD05C Datasheet HTML 8Page - Texas Instruments TSD05C Datasheet HTML 9Page - Texas Instruments TSD05C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
5.7 Electrical Characteristics - TSD12C
At TA=25
℃ (unless otherwise noted) (1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off
voltage
IIO <10 nA, across operating temperature range
12
V
VBRR
Breakdown
voltage
IIO = 10 mA, IO to GND and GND to IO
13.2
15.6
19
V
ILEAK
Reverse leakage
current
VIO = 12 V, IO to GND or GND to IO
5
10
nA
VCLAMP
Surge clamping
voltage, tp =
8/20 µs (2)
IPP = 1 A, IO to GND or GND to IO
18.5
V
IPP = 5 A, IO to GND or GND to IO
21
V
IPP = 15 A, IO to GND or GND to IO
26
V
TLP clamping
voltage, tp = 100
ns
IPP = 16 A, IO to GND or GND to IO
19.4
V
RDYN
Dynamic
resistance(3)
IO to GND
0.15
Ω
GND to IO
CL
Line capacitance VIO = 0 V; ƒ = 1 MHz, IO to GND
6.5
8
pF
(1)
Typical parameters are measured at 25
℃
(2)
Nonrepetitive current pulse 8 to 20 µs exponentially decaying waveform according to IEC 61000-4-5
(3)
Extraction of RDYN using least squares fit of TLP characteristics between I = 10 A and I = 20 A
TSD05C, TSD12C, TSD15C, TSD18C, TSD24C, TSD36C
SLVSH42C – JUNE 2023 – REVISED OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TSD05C TSD12C TSD15C TSD18C TSD24C TSD36C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com