Electronic Components Datasheet Search
  English  ▼

X  

TUSB564 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 41Page - Texas Instruments TUSB564 Datasheet HTML 42Page - Texas Instruments TUSB564 Datasheet HTML 43Page - Texas Instruments TUSB564 Datasheet HTML 44Page - Texas Instruments TUSB564 Datasheet HTML 45Page - Texas Instruments TUSB564 Datasheet HTML 46Page - Texas Instruments TUSB564 Datasheet HTML 47Page - Texas Instruments TUSB564 Datasheet HTML 48Page - Texas Instruments TUSB564 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
9.8 USB3.1 Control/Status Registers (address = 0x22) [reset = 00000000]
Figure 9-8. USB3.1 Control/Status Registers (0x22)
7
6
5
4
3
2
1
0
CM_ACTIVE
LFPS_EQ
U2U3_LFPS_D
EBOUNCE
DISABLE_U2U
3_RXDET
DFP_RXDET_INTERVAL
USB3_COMPLIANCE_CTRL
R/U
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9-9. USB3.1 Control/Status Registers (0x22)
Bit
Field
Type
Reset
Description
7
CM_ACTIVE
R/U
0
0: Device not in USB 3.1 compliance mode. (Default)
1: Device in USB 3.1 compliance mode
6
LFPS_EQ
R/W
0
Controls whether settings of EQ based on EQ1_SEL, EQ2_SEL
and SSEQ_SEL applies to received LFPS signal.
0 – EQ set to zero when receiving LFPS (default)
1 – EQ set to EQ1_SEL, EQ2_SEL, and SSEQ_SEL when
receiving LFPS.
5
U2U3_LFPS_DEBOUNCE
R/W
0
0: No debounce of LFPS before U2/U3 exit. (Default)
1: 200µs debounce of LFPS before U2/U3 exit.
4
DISABLE_U2U3_RXDET
R/W
0
0: Rx.Detect in U2/U3 enabled. (Default)
1: Rx.Detect in U2/U3 disabled.
3:2
DFP_RXDET_INTERVAL
R/W
00
This field controls the Rx.Detect interval for the Downstream
facing port (TX1P/N and TX2P/N).
00: 8ms
01: 12ms (default)
10: Reserved
11: Reserved
1:0
USB3_COMPLIANCE_CTRL
R/W
00
00: FSM determined compliance mode. (Default)
01: Compliance Mode enabled in DFP direction (SSTX -> TX1/
TX2)
10: Compliance Mode enabled in UFP direction (RX1/RX2 ->
SSRX)
11: Compliance Mode Disabled.
www.ti.com
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com