Electronic Components Datasheet Search
  English  ▼

X  

STW60N65M5 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STW60N65M5
Description  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STW60N65M5 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STW60N65M5 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STW60N65M5 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc N-Channel MOSFET Transistor
STW60N65M5
www.iscsemi.com
1
FEATURES
·Drain Current -ID=46A@ TC=25℃
·Drain Source Voltage -VDSS=650V(Min)
·Static Drain-Source On-Resistance
-RDS(on) = 0.059Ω(Max)@VGS= 10V
DESCRIPTION
·
Motor drive, DC-DC converter, power switch
and solenoid drive.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
650
V
VGS
Gate-Source Voltage-Continuous
±
25
V
ID
Drain Current-Continuous
46
A
IDM
Drain Current-Single Pulse
184
A
PD
Total Dissipation @TC=25℃
255
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.49
℃
/W
file:///C:/Users/Administrator/Docu
ments/WeChat
Files/wxid_tz5gn4uyhzq221/FileStor
age/Temp/1718069263025.jpg


Similar Part No. - STW60N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
05-May-2011
More results

Similar Description - STW60N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com