Electronic Components Datasheet Search
  English  ▼

X  

G104 Datasheet(PDF) 1 Page - Multicomp Pro

Part # G104
Description  Diecast Aluminium Enclosures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

G104 Datasheet(HTML) 1 Page - Multicomp Pro

  G104 Datasheet HTML 1Page - Multicomp Pro G104 Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
04/08/20
Diecast Aluminium Enclosures
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
Features
• Designed to meet IP65 and NEMA4 through the use of neoprene gasket with the universal tongue and groove seal system
• Ideal for industrial and automation engineering
• Wall mounting holes and lid fixing screws are outside the sealing area for real sealing protection
• Finish : Natural aluminium colour, coated light grey finish
Diagram
G104
G106


Similar Part No. - G104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1042 ETC2-G1042 Datasheet
80Kb / 2P
Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1042 ETC2-G1042 Datasheet
81Kb / 2P
Heyco Rubber Grommets
logo
Heyco.
G1042 HEYCO-G1042 Datasheet
92Kb / 1P
Rubber Grommets
logo
List of Unclassifed Man...
G1043 ETC2-G1043 Datasheet
81Kb / 2P
For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1043 HEYCO-G1043 Datasheet
92Kb / 1P
Thick Panel Rubber Grommets
More results

Similar Description - G104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA-020 ETC1-CA-020 Datasheet
632Kb / 18P
Aluminium enclosures CA series
logo
Hammond Manufacturing L...
1590VFL HAMMOND-1590VFL Datasheet
152Kb / 2P
DIECAST ALUMINUM ENCLOSURES
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
FIBOX Enclosing innovat...
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
Front plate (aluminium), for enclosures:
19.01.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com