Electronic Components Datasheet Search
  English  ▼

X  

P10R-005 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # P10R-005
Description  Unsheathed Fine Gage Thermocouples
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

P10R-005 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  P10R-005 Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-17
Pt/Rh Calibrations: 150 mm (6") Length Standard—Sold Individually
Wire Dia.
Model
Calibration
mm (in)
Number
0.025 (0.001)
P13R-001
0.050 (0.002)
P13R-002
0.075 (0.003)
P13R-003
0.125 (0.005)
P13R-005
Pt/13%Rh-
0.20 (0.008)
P13R-008
Pt
0.25 (0.010)
P13R-010
0.38 (0.015)
P13R-015
0.50 (0.020)
P13R-020
0.81 (0.032)
P13R-032
Wire Dia
Model
Calibration
mm (in)
Number
0.025 (0.001)
P10R-001
0.050 (0.002)
P10R-002
0.075 (0.003)
P10R-003
0.125 (0.005)
P10R-005
Pt/10%Rh-
0.20 (0.008)
P10R-008
Pt
0.25 (0.010)
P10R-010
0.38 (0.015)
P10R-015
0.50 (0.020)
P10R-020
0.81 (0.032)
P10R-032
Important
Ordering Notes
Base Metal
Thermocouples
Prices given for 300 mm
(12") lengths. Other sizes
and lengths are available on
special order. A 300 mm (12")
length corresponds to a
600 mm (24") loop. To order
longer lead lengths for base
metal calibrations of 0.125 mm
(0.005") or larger, additional
cost per 300 mm (12") per
package. Additional wire
diameters are also available
for Type N. Please check with
Sales.
Platinum/Rhodium
Thermocouples
Prices given for 150 mm
(6") lengths. Other sizes
and lengths are available on
special order. A 150 mm (6")
length corresponds to a
300 mm (12") loop. To order
longer lead lengths for
Pt/Rh calibrations, see
the table (below right).
Discount Schedule
Base Metal Thermocouples
1 to 10 pkgs ................Net
11 to 24 pkgs ............... 5%
25 to 49 pkgs .............. 10%
50 and up ................. 15%
Special SizeS, alloyS or aSSemblieS
Orders for special sizes, alloys or assemblies
should be explicit and accompanied by
a sketch or print, if possible.
Pt/Rh Calibrations: 150 mm (6")
Length Standard—Sold Individually
Wire Dia.
Model
Calibration
mm (in)
Number
0.20 (0.008)
P30R-008
0.25 (0.010)
P30R-010
0.38 (0.015)
P30R-015
Pt/30%Rh-
0.50 (0.020)
P30R-020
Pt/6%Rh-
0.81 (0.032)
P30R-032
®
Wire Dia. mm (inches)
Add’l Price/25 mm (1")
0.025 (0.001")
0.050 (0.002")
0.075 (0.003")
0.125 (0.005")
0.20 (0.008")
0.25 (0.010")
0.38 (0.015")
0.50 (0.020")
0.81 (0.032")
Base metal thermocouples 0.125 mm (0.005")
diameter and larger are made with Special
Limits of Error wire.
Thermocouple insulator model nos. SH,
DH, FS and OV also featured in this section.
Note: Published price is based on market value
at time of printing and is subject to change due
to precious-metal market fluctuations.
Wire Dia.
Model
Calibration
mm (in)
Number
0.050 (0.002)
CHAL-002
0.075 (0.003)
CHAL-003
CHROMEGA®
-
0.125 (0.005)
CHAL-005
ALOMEGA®
0.25 (0.010)
CHAL-010
0.38 (0.015)
CHAL-015
0.50 (0.020)
CHAL-020
0.81 (0.032)
CHAL-032
0.050 (0.002)
CHCO-002
0.075 (0.003)
CHCO-003
CHROMEGA®
-
0.125 (0.005)
CHCO-005
Constantan
0.25 (0.010)
CHCO-010
0.38 (0.015)
CHCO-015
0.50 (0.020)
CHCO-020
0.81 (0.032)
CHCO-032
Wire Dia.
Model
Calibration
mm (in)
Number
0.050 (0.002)
IRCO-002
0.075 (0.003)
IRCO-003
0.125 (0.005)
IRCO-005
Iron-
0.25 (0.010)
IRCO-010
Constantan
0.38 (0.015)
IRCO-015
0.5 (0.020)
IRCO-020
0.81 (0.032)
IRCO-032
0.050 (0.002)
COCO-002
0.075 (0.003)
COCO-003
0.125 (0.005)
COCO-005
Copper-
0.25 (0.010)
COCO-010
Constantan
0.38 (0.015)
COCO-015
0.5 (0.020)
COCO-020
0.81 (0.032)
COCO-032
0.075 (0.003)
OPON-003
0.125 (0.005)
OPON-005
OMEGA-P®-
0.25 (0.010)
OPON-010
OMEGA-N®
0.50 (0.020)
OPON-020
0.81 (0.032)
OPON-032
Unsheathed Fine Gage
Thermocouples
Ordering Example: CHAL-005, package of five 300 mm (12") Type K thermocouples,
0.125 mm (0.005") diameter.
Shown smaller
than actual size.
Base Metal Calibrations:
300 mm (12") Length Standard–Package of 5
convenient
packages of 5


Similar Part No. - P10R-005

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
P10R1021-F CDE-P10R1021-F Datasheet
162Kb / 3P
Multilayer Ceramic Capacitors
P10R1021-F CDE-P10R1021-F Datasheet
162Kb / 3P
Multilayer Ceramic Capacitors
P10R1021-F CDE-P10R1021-F Datasheet
189Kb / 4P
Conformally coated, axial leaded
P10R1031-F CDE-P10R1031-F Datasheet
162Kb / 3P
Multilayer Ceramic Capacitors
P10R1031-F CDE-P10R1031-F Datasheet
162Kb / 3P
Multilayer Ceramic Capacitors
More results

Similar Description - P10R-005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
141PC01G ETC1-141PC01G Datasheet
515Kb / 4P
Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
THERMOCOUPLES
December 1968
logo
RHOPOINT COMPONENTS
20100-1 RHOPOINT-20100-1 Datasheet
111Kb / 1P
Butt bonded thermocouples
26721 RHOPOINT-26721 Datasheet
99Kb / 1P
?쏶tikonTM??thermocouples
logo
Honeywell Solid State E...
24PCBFA6G HONEYWELL-24PCBFA6G Datasheet
230Kb / 3P
Vacuum Gage
logo
MORNSUN Science& Techno...
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
Thermocouples Isolation Safety Barrier
logo
PHOENIX CONTACT
2902055 PHOENIX-2902055 Datasheet
461Kb / 19P
Temperature transducers for thermocouples
logo
List of Unclassifed Man...
5SRTC ETC-5SRTC Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com