Electronic Components Datasheet Search
  English  ▼

X  

SC75-2 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # SC75-2
Description  Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SC75-2 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  SC75-2 Datasheet HTML 1Page - Teledyne Technologies Incorporated SC75-2 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
C75 7
C75\072002\Q1
Optically Isolated 1.0A with Short-Circuit Protection & Trip Status
DC Solid-State Relay
FEATURES/BENEFITS
• Short Circuit Protected:
Prevents damage to system
components, assemblies and
system wiring
•Trip Status: Provides status
monitoring and feedback of the
protection state
• Optical Isolation: Isolates control
circuits from load transients
Eliminates ground loops and
signal ground noise
• Low Off-State Leakage: For high
off-state impedance
• Switches High Currents: To
1.0 Adc
• High Dielectric Strength:
For safety and for protection of
control and signal level circuits
DESCRIPTION
The C75-2S solid state relay utilizes
a power FET switch that is protected
against overload and short circuit
currents. Protection is provided
against turn-on into a short circuit,
shorts that occur while conducting
loads up to rated or for long term
overload currents above rated that
slowly overheat the relay. Once the
protection trips the relay off it will
remain off until reset by cycling the
input control. Using the C75-2S to
switch power loads can prevent fires,
damage to system assemblies and
system wiring. The power FET output
offers low “On” resistance and can
switch loads in either the high or the
low side of the power line. The C75-
2 is packaged in a 16 pin DIP, with
surface mount or through hole
mounting available. The C75-2SH
also provides an open collector trip
status feedback to the relay’s control
side for short circuit and thermal trip
monitoring.
H = Relay has an internal over
voltage suppressor for
inductive loads.
Series C75


Similar Part No. - SC75-2

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SC75-2 WILLOW-SC75-2 Datasheet
613Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection
logo
Bel Fuse Inc.
SC75-220 BEL-SC75-220 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC75-221 BEL-SC75-221 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC75-270 BEL-SC75-270 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC75-271 BEL-SC75-271 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results

Similar Description - SC75-2

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
SR75-2W TELEDYNE-SR75-2W Datasheet
204Kb / 2P
0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Willow Technologies Ltd
C75 WILLOW-C75 Datasheet
613Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection
logo
Teledyne Technologies I...
ZD24CC TELEDYNE-ZD24CC Datasheet
481Kb / 3P
Short-Circuit Protected with Trip Status
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com