Electronic Components Datasheet Search
  English  ▼

X  

NEX80806 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # NEX80806
Description  Adaptive multi-mode flyback controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX80806 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button NEX80806 Datasheet HTML 9Page - Nexperia B.V. All rights reserved NEX80806 Datasheet HTML 10Page - Nexperia B.V. All rights reserved NEX80806 Datasheet HTML 11Page - Nexperia B.V. All rights reserved NEX80806 Datasheet HTML 12Page - Nexperia B.V. All rights reserved NEX80806 Datasheet HTML 13Page - Nexperia B.V. All rights reserved NEX80806 Datasheet HTML 14Page - Nexperia B.V. All rights reserved NEX80806 Datasheet HTML 15Page - Nexperia B.V. All rights reserved NEX80806 Datasheet HTML 16Page - Nexperia B.V. All rights reserved NEX80806 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Nexperia
NEX80806
Adaptive multi-mode flyback controller
Due to the leakage inductance of transformer, there is large ringing waveform at ZCD pin at the beginning of flyback period.
To avoid sampling at this ringing moment, a blanking time is added after the going-low of DRV signal. ZCD sampling is not
allowed until this blanking window expires.
9.3.10. Valley switching
During QR/DCM/PFM mode, once the magnetizing current decreases to zero, the primary inductor begins oscillation with
the parasitic capacitor of primary MOS. It’s desired to turn on primary MOS at the valley moment of oscillation to minimize
the switching loss. Referring to Fig. 16, when the auxiliary winding voltage becomes negative, ZCD pin is clamped at ~0 V
internally, the current flowing out of ZCD pin is detected. Once the current is larger than IZCD_VALLEY (~9 μA), that moment
is identified as a valley moment. There may be several valley moments identified before CLK signal arrives. The valley
moment just behind CLK is chosen as the moment to turn on the primary MOS.
9.3.11. Oscillator frequency
As FB voltage decreases, the clamp frequency CLK will decrease from the maximum switching frequency FMAX to the
minimum limit FMIN (typically 25 kHz , to avoid audible noise), to optimize the efficiency for different load condition.
To optimize the EMI performance, spread-spectrum function is implemented.
9.3.12. Peak load mode
Some applications require a much higher output current, normally double the full load current, in a short period (less than
200 ms normally). The output voltage must be basically stable during this short period (output voltage is allowed to drop
~10%).
For NEX80806, the primary peak current reaches its maximum limit when the voltage on FB approaches ~2 V. The switching
frequency is also at maximum frequency FMAX (~65 kHz) at this moment. To further improve the capability of output power,
NEX80806 implemented peak load mode by increasing frequency gradually from FMAX to FPeak (~130 kHz) as FB voltage
approaches 3.2 V.
9.3.13. Driver
The typical high level of DRV pin is clamped by an internal voltage clamp which clamps the voltage at 11.5 V under normal
conditions. For a normal 12 V VCC supply, the DRV amplitude is guaranteed to be higher than 8 V. This gives enough
voltage to fully turn on the high-voltage MOSFETs, while providing an adequate margin to avoid overvoltage damage of the
gate, since most high-voltage MOSFETs have a maximum gate voltage rating of 20 V.
9.3.14. Restart
When restart process is triggered, the DRV pulse is stopped at first, the VCC voltage declines since there is no supply from
auxiliary winding. Once VCC voltage drops below VCC_OFF threshold, the device is disabled and the VCC current consumption
drops to ISTARTUP which is 5 μA typical, then VCC capacitor will be charged up by startup resistor. When VCC voltage rises
above VCC_ON, a soft start process is initiated if the line voltage meets the brown-in requirement.
9.3.15. Overload protection (OLP)
If the load current is higher than the maximum allowed output current limit, the output voltage will drop, FB voltage will
increase. If FB voltage is higher than VFB_OLP (3.5 V typical) for a period tD_OLP, overload protection is triggered, the device
will restart.
9.3.16. Over current protection (OCP)
To meet the Limited Power Source (LPS) requirements, the maximum output current of power supply should be less than
8A, and the output power should not exceed 100W at any condition. However, with a fixed primary peak current limit, the
output current and output power will increase as input line voltage increase, LPS is highly possible to be violated.
NEX80806
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 2 — 28 October 2024
13 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com