Electronic Components Datasheet Search
  English  ▼

X  

PSC0665K Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSC0665K
Description  650 V, 6 A SiC Schottky diode in TO-220-2 R2P
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSC0665K Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSC0665K Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSC0665K Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Nexperia
PSC0665K
650 V, 6 A SiC Schottky diode in TO-220-2 R2P
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
mb
K
mounting base; connected
to cathode
mb
2
1
TO-220-2 (SOT8021)
aaa-033312
A
K; mb
K
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PSC0665K
TO-220-2
Plastic, single-ended package (heatsink mounted, 1
mounting hole) (TO-220-2); 2 leads; 5.08 mm pitch; 15.3
mm x 10 mm x 4.4 mm body
SOT8021
7. Marking
Table 4. Marking codes
Type number
Marking code
PSC0665K
PSC0665K
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
Tj = 25 °C
-
650
V
dv/dt
diode dv/dt ruggedness
0 ≤ VR ≤ 480 V
-
100
V/ns
IF
forward current
ẟ = 1; Tc ≤ 128 °C
-
6
A
tp = 10 µs; square wave; Tc = 25 °C
-
300
A
tp = 10 ms; half sine-wave; Tc = 25 °C
-
36
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; half sine-wave; Tc = 150 °C
-
30
A
tp = 10 ms; Tc = 25 °C
-
6.5
A²s
∫i2dt
i2t value
tp = 10 ms; Tc = 150 °C
-
4.5
A²s
Ptot
total power dissipation
Tc = 25 °C
-
37
W
Tj
junction temperature
-55
175
°C
Tamb
ambient temperature
-55
175
°C
Tstg
storage temperature
-65
175
°C
PSC0665K
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
19 August 2024
2 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com