Electronic Components Datasheet Search
  English  ▼

X  

PI3CH200 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3CH200
Description  Low Voltage, 5廓, 2-Channel 2-Port NanoSwitch?
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH200 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3CH200 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH200 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH200 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH200 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH200 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH200 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH200 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH200 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8721C
05/10/06
Pin Description
Pin Name
Description
ENx
Switch Enable
A2 - A1
A Ports
B2 - B1
B Ports
GND
Ground
VCC
Power
Pin Configuration
Features
• Near-zero propagation delay
• 5Ω switches connect inputs to outputs
• High signal passing bandwidth (500 MHz)
• Beyond Rail-to-Rail switching
• 5V I/O tolerant with 3.3V supply in OFF and ON state
• 2.5V and 3.3V supply voltage operation
• Hot Insertion Capable
• Industrial Operating Temperature: –40ºC to +85ºC
• 2kV ESD Protection (human body model)
• Latch-up Performance: >250mA per JESD17
• Packaging (Pb-free & Green Available):
– 8-pin TSSOP (L)
Block Diagram
Low Voltage, 5Ω, 2-Channel
2-Port NanoSwitch™
Notes:
1. H = High Voltage Level, L = Low Voltage Level,
Hi-Z = High-Impedance
Description
The PI3CH200 is a low voltage, 2-channel switch designed
with fast individual enables. The switch introduces no additional
propagation delay or additional ground bounce noise.
The PI3CH200 device has active LOW enables. It is very useful
in switching signals that have high bandwidth (500 MHz).
Applications
• High Bandwidth Data Switching
• Hot-Docking
• Analog Signal Switching
• Differential Signal Switching
PI3CH200
EN1
A1
B1
EN2
A2
B2
Truth Table(1)
ENx
Ax
Bx
VCC
Function
X
Hi-Z
Hi-Z
GND
Disconnect
H
Hi-Z
Hi-Z
VCC
Disconnect
L
Bx
Ax
VCC
Connect
���
��
��
���
���
���
��
��
�
�
�
�
�
�
�
�
06-0246


Similar Part No. - PI3CH200

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH200LE PERICOM-PI3CH200LE Datasheet
259Kb / 7P
2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH200LE PERICOM-PI3CH200LE Datasheet
284Kb / 7P
2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH200LEX PERICOM-PI3CH200LEX Datasheet
259Kb / 7P
2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH200LEX PERICOM-PI3CH200LEX Datasheet
284Kb / 7P
2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH200 PERICOM-PI3CH200_15 Datasheet
284Kb / 7P
2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
More results

Similar Description - PI3CH200

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
3.3V, 20-Bit, 2-Port NanoSwitch?
PI3CH800 PERICOM-PI3CH800 Datasheet
579Kb / 8P
LOW Voltage, 5?? 8-Channel 2-Port NanoSwitch?
PI3CH400 PERICOM-PI3CH400 Datasheet
579Kb / 8P
Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PI3CH401 PERICOM-PI3CH401 Datasheet
376Kb / 8P
Low Voltage, 5廓, 4-Channel 2-Port NanoSwitch?
PI3CH1000 PERICOM-PI3CH1000 Datasheet
571Kb / 8P
Low Voltage, 5-Ohm, 10-Channel 2-Port NanoSwitch?
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
PI3B32X384 PERICOM-PI3B32X384_06 Datasheet
308Kb / 4P
3.3V, 20-Bit, 2-Port NanoSwitch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com