Electronic Components Datasheet Search
  English  ▼

X  

B3D40065HC Datasheet(PDF) 4 Page - BASIC SEMICONDUCTOR

Part # B3D40065HC
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B3D40065HC Datasheet(HTML) 4 Page - BASIC SEMICONDUCTOR

  B3D40065HC Datasheet HTML 1Page - BASIC SEMICONDUCTOR B3D40065HC Datasheet HTML 2Page - BASIC SEMICONDUCTOR B3D40065HC Datasheet HTML 3Page - BASIC SEMICONDUCTOR B3D40065HC Datasheet HTML 4Page - BASIC SEMICONDUCTOR B3D40065HC Datasheet HTML 5Page - BASIC SEMICONDUCTOR B3D40065HC Datasheet HTML 6Page - BASIC SEMICONDUCTOR B3D40065HC Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SiC Schottky Diode
4 / 7
www.basicsemi.com
Typical Performance (Per Leg)
Typical forward characteristics
Figure 1
Figure 3
Figure 2
Figure 4
Diode forward current as function
of temperature, D=duty cycle
Typical capacitance as function of
reverse voltage, C=f(V
R); Tj=25°C;
f =1 MHz
Typical reverse current as function
of reverse voltage
T
C(°C)
Rev. 0.0
B3D40065HC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
125℃
175℃
150℃
100℃
VF (V)
25℃
0
200
400
600
800
1000
0.01
0.1
1
10
100
125℃
175℃
150℃
100℃
VR (V)
25℃
25
50
75
100
125
150
175
0
70
140
210
280
350
420
D=1
D=0.7
D=0.5
D=0.3
D=0.2
D=0.1
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
VR (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com