Electronic Components Datasheet Search
  English  ▼

X  

7EL2 Datasheet(PDF) 5 Page - Power Innovations Ltd

Part # 7EL2
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

7EL2 Datasheet(HTML) 5 Page - Power Innovations Ltd

  7EL2 Datasheet HTML 1Page - Power Innovations Ltd 7EL2 Datasheet HTML 2Page - Power Innovations Ltd 7EL2 Datasheet HTML 3Page - Power Innovations Ltd 7EL2 Datasheet HTML 4Page - Power Innovations Ltd 7EL2 Datasheet HTML 5Page - Power Innovations Ltd 7EL2 Datasheet HTML 6Page - Power Innovations Ltd 7EL2 Datasheet HTML 7Page - Power Innovations Ltd 7EL2 Datasheet HTML 8Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
JANUARY 1999
7EL2
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
PR O D UC T
I N FO R M A T IO N
TYPICAL CHARACTERISTICS
Figure 6.
Figure 7.
Figure 8.
OFF-STATE CAPACITANCE
vs
TERMINAL VOLTAGE
V
D - DC Off-State Voltage - V
0·1
1
10
100
30
40
50
60
70
80
90
200
100
TC4VAM
V
D Positive
V
D Negative
V
d = 1 Vrms, f = 1 MHz, TA = 25 °C
OFF-STATE CAPACITANCE
vs
JUNCTION TEMPERATURE
T
J - Junction Temperature - °C
-40
-20
0
204060
80
30
40
50
60
70
80
90
200
100
TC4VAL
V
D = 0
V
D = +50 V
V
D = - 50 V
V
d = 1 Vrms, f = 1 MHz
CUMULATIVE POPULATION
vs
10/1000 CURRENT CAPABILITY
I - Peak Current Capability - A
370 380 390 400 410 420 430 440 450 460 470
0.5
1
2
5
10
20
30
40
50
60
70
80
90
95
98
99
-5 °C
+65 °C +25 °C
-20 °C
= T
A
TC4VAN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com