Electronic Components Datasheet Search
  English  ▼

X  

ABS2U Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # ABS2U
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGERECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ABS2U Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  ABS2U Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ABS2U Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ABS2U Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ABS2U Datasheet HTML 4Page - SMC Diode Solutions Co. LTD ABS2U Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1812, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
ABS2U
THRU
ABS10U
Type Number
Symbol
ABS2U
ABS4U
ABS6U
ABS8U
ABS10U
Units
ABS2U-HF THRU ABS10U-HF Marking Code
ABS2UH ABS4UH ABS6UH ABS8UH ABS10UH
Units
Maximum Forward Voltage (per element) @IF =1A
VF
1.1
V
Maximum Peak Reverse Current @TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
500
µA
* Pulse width < 300 µs, duty cycle < 2%
Type Number
Symbol
ABS2U
ABS4U
ABS6U
ABS8U
ABS10U
Units
ABS2U-HF THRU ABS10U-HF Marking Code
ABS2UH ABS4UH ABS6UH ABS8UH ABS10UH
Units
Typical Thermal Resistance(Note 1)
RθJA
RθJL
62.5
25
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Thermal resistance form junction to ambient and junction to lead mounted on P.C.B. with 0.2X0.2''(5X5mm) copper pads.
Electrical Characteristics@TA=25°C unless otherwise specified
Thermal-Mechanical Specifications@TA=25°C unless otherwise specified
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com