Electronic Components Datasheet Search
  English  ▼

X  

TPW65R075DFD Datasheet(PDF) 3 Page - Wuxi Unigroup Microelectronics Company

Part # TPW65R075DFD
Description  650V Super-junction Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPW65R075DFD Datasheet(HTML) 3 Page - Wuxi Unigroup Microelectronics Company

  TPW65R075DFD Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPB65R075DFD,TPP65R075DFD,TPW65R075DFD
Wuxi Unigroup Microelectronics Co.,Ltd
V1.0
www.tsinghuaicwx.com
Electrical Characteristics TJ = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250µA
650
--
--
V
Zero Gate Voltage Drain Current
IDSS
VDS = 650V, VGS = 0V, TJ = 25ºC
--
--
10
μA
VDS = 650V, VGS = 0V, TJ = 150ºC
--
--
5000
Gate-Source Leakage Current
IGSS
VGS = ±30V
--
--
±
100
nA
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
2.5
--
4.5
V
Drain-Source On-State-Resistance
RDS(on)
VGS = 10V, ID = 22A
--
0.058
0.075
Ω
Gate Resistance
RG
f = 1.0MHz open drain
--
1
--
Ω
Dynamic Characteristics
Input Capacitance
Ciss
VGS = 0V,
VDS = 100V,
f = 1.0MHz
--
4640
--
pF
Output Capacitance
Coss
--
123
--
Reverse Transfer Capacitance
Crss
--
3.55
--
Total Gate Charge
Qg
VDD = 400V, ID = 22A,
VGS = 10V
--
81
--
nC
Gate-Source Charge
Qgs
--
25
--
Gate-Drain Charge
Qgd
--
24
--
Turn-on Delay Time
td(on)
VDD = 400V, ID = 22A,
RG = 25Ω
--
107
--
ns
Turn-on Rise Time
tr
--
80
--
Turn-off Delay Time
td(off)
--
164
--
Turn-off Fall Time
tf
--
52
--
Drain-Source Body Diode Characteristics
Body Diode Forward Voltage
VSD
TJ = 25ºC, ISD = 22A, VGS = 0V
--
0.9
1.2
V
Reverse Recovery Time
trr
VR = 400V, IS=22A,
diF/dt = 100A/μs
--
176
--
ns
Reverse Recovery Charge
Qrr
--
1.4
--
μC
Peak Reverse Recovery Current
Irrm
--
16
--
A
Notes
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. ID = 10A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. Identical low side and high side switch with identical RG
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com