Electronic Components Datasheet Search
  English  ▼

X  

TPW65R075DFD Datasheet(PDF) 5 Page - Wuxi Unigroup Microelectronics Company

Part # TPW65R075DFD
Description  650V Super-junction Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPW65R075DFD Datasheet(HTML) 5 Page - Wuxi Unigroup Microelectronics Company

  TPW65R075DFD Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company TPW65R075DFD Datasheet HTML 9Page - Wuxi Unigroup Microelectronics Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TPB65R075DFD,TPP65R075DFD,TPW65R075DFD
Wuxi Unigroup Microelectronics Co.,Ltd
V1.0
www.tsinghuaicwx.com
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
0.90
0.95
1.00
1.05
1.10
-50
0
50
100
150
5
Figure 8. Breakdown voltage
vs. Junction Temperature
TJ, Junction Temperature (ºC)
ID = 10mA
Figure 9. Transient Thermal Impedance
For TO-263/TO-220/TO-247
Tp, Pulse Width (s)
10-5
10-4
10-3
10-2
10-1
100
10-1
100
10-3
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse
10-2
Figure 10. Safe Operation Area For
TO-263/TO-220/TO-247
VDS, Drain-Source Voltage(V)
100
101
102
103
10-2
10-1
100
101
102
103
tp = 1us
tp = 10us
tp = 100us
tp = 1ms
tp = 10ms
DC
Figure 7. On-Resistance vs.
Temperature
VGS = 10V
ID = 22.5A
TJ, Junction Temperature (ºC)
0
3
6
9
12
15
18
21
0
100
200
300
400
500
600
Figure 11. Typ. Coss Stored Energy
VDS, Drain-Source Voltage(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com