Electronic Components Datasheet Search
  English  ▼

X  

AN1759 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # AN1759
Description  Add a Non-Volatile Clock to the MC68HC705J1A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1759 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  AN1759 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 4Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Application Note
DS1307 Hardware Interface
AN1759
5
Block Diagram
Figure 2. DS1307 Block Diagram
Serial Interface
The DS1307 supports the bidirectional, 2-wire protocol. The protocol has
these characteristics:
• Any device sending out data is defined as a transmitter.
• Any device receiving data is defined as a receiver.
• The device controlling the transfer is called the master.
• The device being controlled is called the slave.
• The master initiates all transactions.
• The master always provides the clock for both transmit and
receive operations.
• The DS1307 is always considered the slave.
• The clock signal is called SCL.
• The data signal is called SDA.
• All data is sent most significant bit (MSB) first.
Figure 3
shows the 2-wire bus interface between a master and slave.
SQUARE
OSCILLATOR
& DIVIDER
SERIAL
BUS INTERFACE
POWER
CONTROL
ADDRESS
REAL-TIME
CLOCK RAM
RAM
56 X 8
X1
X2
VDD
VBAT
GND
SQW/OUT
SDA
SCL
CONTROL
WAVE OUT
REGISTER
LOGIC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com