Electronic Components Datasheet Search
  English  ▼

X  

PI74AVC16244 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74AVC16244
Description  2.5V 16-Bit Buffer Driver with 3-State Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16244 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74AVC16244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16244 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
PS8507B
05/31/06
ProductDescription
PI74AVC+16244 is a non-inverting 16-bit buffer/driver designed
for low-voltage 1.65V to 3.6V VCC operation.
The buffer/driver is designed specifically to improve both the
performance and density of 3-state memory address drivers, clock
drivers, and bus-oriented receivers and transmitters.
The device can be used as four 4-bit buffers, two 8-bit buffers, or
one 16-bit buffer. It provides non-inverting outputs and symmetri-
cal active-low output-enable (OE) inputs.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor in which
the minimum value is determined by the current-sinking capability
of the driver.
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
2.5V 16-Bit Buffer Driver
with 3-State Outputs
Logic Block Diagram
Product Features
• PI74AVC+16244 is designed for low-voltage operation,
VCC = 1.65V to 3.6V
• True ±24mA Balanced Drive @ 3.3V
• Compatible with Philips and T.I. AVC Logic family
•IOFF supports partial power-down operation
• 3.6V I/O Tolerant inputs and outputs
• All outputs contain a patented DDC
(Dynamic Drive Control) circuit that reduces noise without
degrading propagation delay
• Industrial operation: –40°C to +85°C
• Packaging (Pb-free & Green available):
– 48-pin 240-mil wide plastic TSSOP
– 48-pin 173-mil wide plastic TVSOP
PI74AVC+16244
1OE
1A1
1Y1
1A2
1Y2
1A3
1Y3
1A4
1Y4
3OE
3A1
3Y1
3A2
3Y2
3A3
3Y3
3A4
3Y4
2OE
2A1
2Y1
2A2
2Y2
2A3
2Y3
2A4
2Y4
4OE
4A1
4Y1
4A2
4Y2
4A3
4Y3
4A4
4Y4
43
44
46
47
1
37
38
40
41
48
12
11
9
8
6
5
3
2
32
33
35
36
25
17
16
14
13
26
27
29
30
24
23
22
20
19
06-0164


Similar Part No. - PI74AVC16244

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16244 PERICOM-PI74AVC16244 Datasheet
526Kb / 10P
2.5V 16-Bit Buffer Driver with 3-State Outputs
PI74AVC16244A PERICOM-PI74AVC16244A Datasheet
526Kb / 10P
2.5V 16-Bit Buffer Driver with 3-State Outputs
PI74AVC16244K PERICOM-PI74AVC16244K Datasheet
526Kb / 10P
2.5V 16-Bit Buffer Driver with 3-State Outputs
More results

Similar Description - PI74AVC16244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC16244 PERICOM-PI74AVC16244 Datasheet
526Kb / 10P
2.5V 16-Bit Buffer Driver with 3-State Outputs
logo
Texas Instruments
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com