Electronic Components Datasheet Search
  English  ▼

X  

170 Datasheet(PDF) 3 Page - France Joint

Part # 170
Description  ROD SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

170 Datasheet(HTML) 3 Page - France Joint

  170 Datasheet HTML 1Page - France Joint 170 Datasheet HTML 2Page - France Joint 170 Datasheet HTML 3Page - France Joint 170 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.francejoint.com
L1
C
R2
R1
|
|
INSTALLATION DIMENSIONS
Rod diameter
Ød1 f8/h9
Groove diameter
Groove width
Radial section
O’Ring
cross-section
BECA 170
Standard range
BECA 179
Extended range
ØD1 H9
L1 0/+0.20
S
Ød2
4.0 - 9.9
2.0 - 129.9
d1 + 2.90
2.40
1.45
1.78
10.0 - 19.9
5.0 - 249.9
d1 + 4.50
3.60
2.25
2.62
20.0 - 39.9
5.0 - 449.9
d1 + 6.20
4.80
3.10
3.53
40.0 - 119.9
12.0 - 649.9
d1 + 9.40
7.10
4.70
5.33
120.0 - 649.9
60.0 - 999.9
d1 + 12.20
9.50
6.10
6.99
650.0 - 999.9
110.0 - 999.9
d1 + 15.00
10.00
7.50
8.40
* The codes that define the materials are set out in the materials table on the previous page.
|
|
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : Friction ring, PTFE + 60% Bronze - Code DB
________________ : NBR 70 Shore A O'Ring - Code K6
Rod diameter _____ : Ød1 = 50.00 mm
Groove diameter __ : ØD1 = 59.40 mm
Part number______ : 170. 050DBK6
Family
Rod diameter
Friction ring material*
O'Ring material*
170.
050
DB
K6
Part number -
HYDRAULIC SEALS | ROD SEALS |
BECA 170 - 179



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com