Electronic Components Datasheet Search
  English  ▼

X  

INS401 Datasheet(PDF) 3 Page - Aceinna Inc.

Part # INS401
Description  AUTOMOTIVE INERTIAL NAVIGATION SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

INS401 Datasheet(HTML) 3 Page - Aceinna Inc.

  INS401 Datasheet HTML 1Page - Aceinna Inc. INS401 Datasheet HTML 2Page - Aceinna Inc. INS401 Datasheet HTML 3Page - Aceinna Inc. INS401 Datasheet HTML 4Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mechanical
Package Type
Aluminum
Protection Class
IP5K0
Dimensions
115 x 126 x 35 mm
Weight
<500 g
Mating Connector
JAE PN: MX23A18SF1
RF Connector
Molex FAKRA PN: 734036262
RTK Operation
INS401 requires RTCM 3.x format RTK correction
data. These corrections can be provided by
ACEINNA's OpenARC network, or by 3rd party
services supporting NTRIP protocol.
Multi-Band, Multi-Constellation
INS401’s
GNSS
chipset
is
based
on
ST
Microelectronics Teseo APP chipset. The Teseo APP
chipset baseband processor tracks various subsets
of constellations and bands. Teseo APP is connected
to the powerful on-board application processor,
which runs the firmware and algorithms.
Technical Characteristics
Accuracy1
Horizontal Position Accuracy (RMS)
SPS
1.2 m CEP
RTK2
0.02 m
10s GNSS Outage
0.35 m
60s GNSS Outage
3.5 m
Vertical Position Accuracy (RMS)
SPS
1.8 m CEP
RTK2
0.03 m
10s GNSS Outage
0.4 m
60s GNSS Outage
4 m
Velocity Accuracy (RMS)
Horizontal
0.02 m/s
Vertical
0.02 m/s
Heading Accuracy (RMS)3
0.2
Attitude Accuracy (Roll/Pitch, RMS)
0.1
Operating Limits
Velocity
515 m/s
Acceleration
±8 g
Angular Rate
±200 /s
Temperature Calibration Range
-40C to +85C
Timing
Time to First Fix4
Cold Start5
< 40 s
Warm Start6
< 30 s
Hot Start7
< 10 s
Signal Re-acquisition
< 2 s
RTK Initialization Time
< 10 s
GNSS Update Rate
10 Hz
INS Output Data Rate
100 Hz
1PPS Accuracy1, 8
±
50 ns
Sensitivity
Tracking
-160 dBm
Cold Start
-140 dBm
Environment
Operating Temperature
-40 oC to +85 oC
Non-Operating Temperature
-40 oC to +85 oC
Qualification
Specified in QTR
Contact Factory
Electrical
Input Voltage (VDC)
9-32 V
Power Consumption
< 5 W
Digital Interface
Ethernet
Ordering Information
Model
Description
INS401
Inertial Navigation System Solution –
Ethernet I/O
INS401-C
Inertial Navigation System –Ethernet +
CAN I/O (Contact Factory for Availability)
INS402
Dual-Antenna Inertial Navigation System
(Contact Factory for Availability)
Note 1: Typical values, subject to ionospheric / tropospheric conditions, satellite
geometry, baseline length, multipath, with odometer
Note 2: Add 1ppm of baseline length.
Note 3: After dynamic motion initialization.
i n f o @ a c e i n n a . c o m
w w w . a c e i n n a . c o m
Document: PN: 6020-4006-02
Note 4: Typical values.
Note 5: No previous satellite or position information.
Note 6: Using aged ephemeris and last known position.
Note 7: Using accurate ephemeris and last known position.
Note 8: Time accuracy does not include biases due to RF or antenna delay
INS401
AUTOMOTIVE INERTIAL NAVIGATION SYSTEM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com