Electronic Components Datasheet Search
  English  ▼

X  

INS402 Datasheet(PDF) 2 Page - Aceinna Inc.

Part # INS402
Description  AUTOMOTIVE INERTIAL NAVIGATION SYSTEM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

INS402 Datasheet(HTML) 2 Page - Aceinna Inc.

  INS402 Datasheet HTML 1Page - Aceinna Inc. INS402 Datasheet HTML 2Page - Aceinna Inc. INS402 Datasheet HTML 3Page - Aceinna Inc. INS402 Datasheet HTML 4Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The ACEINNA INS401 supports GPS, GALILEO, GLONASS, QZSS,
and BeiDou satellite systems. The on-board triple redundant IMU
and fusion algorithms provide accurate position, velocity, and
attitude data continuously at 100 Hz, filling in gaps between GNSS
updates and enabling dead-reckoning for short duration GNSS
outages. The INS401 enables OTA firmware upgrades via Ethernet.
Features
100 Hz GNSS/INS solution; position, velocity,
attitude
Supported GNSS
GPS
L1 C/A + L2C
GLONASS
G1
BeiDou
B1I+B2I
Galileo
E1 +E5b
QZSS
L1 C/A + L2C
80 channels tracking and RTK algorithm support for
centimeter level accuracy
Integrated and calibrated triple-redundant MEMS
Inertial Measurement Unit – ±8 g and ±200 °/s
Ethernet interface (for CAN see INS401-C)
1PPS output
Includes functionality for saving navigation data
prior to shut down for faster initialization
Applications
Autonomous Vehicles
ADAS Systems
Agriculture Vehicle Auto Steer Systems
Construction Vehicles
This product has been developed exclusively for commercial applications. It has not been tested for, and makes no
representation or warranty as to conformance with, any military specifications or its suitability for any military application or
end-use. Additionally, any use of this product for nuclear, chemical or biological weapons, or weapons research, or for any use
in missiles, rockets, and/or UAV’s of 300km or greater range, or any other activity prohibited by the Export Administration
Regulations, is expressly prohibited without the written consent and without obtaining appropriate US export license(s) when
required by US law. Diversion contrary to U.S. law is prohibited. Specifications are subject to change without notice.
i n f o @ a c e i n n a . c o m
w w w . a c e i n n a . c o m
Document: PN: 6020-4006-02
INS401
AUTOMOTIVE INERTIAL NAVIGATION SYSTEM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com