Electronic Components Datasheet Search
  English  ▼

X  

HV56266 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV56266
Description  Single 300V High Voltage Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV56266 Datasheet(HTML) 4 Page - Microchip Technology

  HV56266 Datasheet HTML 1Page - Microchip Technology HV56266 Datasheet HTML 2Page - Microchip Technology HV56266 Datasheet HTML 3Page - Microchip Technology HV56266 Datasheet HTML 4Page - Microchip Technology HV56266 Datasheet HTML 5Page - Microchip Technology HV56266 Datasheet HTML 6Page - Microchip Technology HV56266 Datasheet HTML 7Page - Microchip Technology HV56266 Datasheet HTML 8Page - Microchip Technology HV56266 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HV56266
DS20006751B-page 4
 2022-2023 Microchip Technology Inc. and its subsidiaries
Closed Loop Gain Bandwidth Product
GBW
900
——
kHz
Note 1
VDD Power Supply Rejection Ratio
PSRRVDD
—30
—
dB
Measured @ 1 kHz;
(Note 1)
VPP Power Supply Rejection Ratio
PSRRVPP
—35
—
dB
Measured @ 1 kHz;
(Note 1)
HVOUT Offset
OUTOS
-2.5
—
+2.5
V
Measured using linear
curve fit on a 5 point
measurement
Rise Time and Fall Time Rate
V/t2.4
—
—
V/μs
POS = 0.1 to 0.75V step;
measured using
10%-90% HVOUT
Note 1: Specification is obtained by characterization and not 100% tested in production.
2: Specification is for design guidance only.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Unless otherwise specified, TA = TJ = 25°C, VDD = 5V, VPP = 300V, CVPP = 0.1 μF, CVDD = 1 μF, CLOAD = 15 pF,
RF1 = 3.09 MΩ, RF2 = 34.8 kΩ. Boldface specifications apply over TA = TJ = -40°C to +125°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
TEMPERATURE SPECIFICATIONS
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-55
—
+165
°C
Package Thermal Resistance
Thermal Resistance, 32-Lead VQFN
JA
—32.3—
°C/W
Thermal Resistance, 16-Ball BGA
JA
—113
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com