Electronic Components Datasheet Search
  English  ▼

X  

C5530 Datasheet(PDF) 1 Page - Belden Inc.

Part # C5530
Description  Teck90 600V, 2G C #1214 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

C5530 Datasheet(HTML) 1 Page - Belden Inc.

  C5530 Datasheet HTML 1Page - Belden Inc. C5530 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: C5530
Teck90 600V, 2+G C #12+14 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk
PVC Jkt, CSA HL SUN RES -40C
Product Description
Teck90 600V, 2+G Conductor 12+14AWG (7x20H) Bare Copper, XLPE Insulation M4 Color Code, PVC Inner Jacket, Aluminum Interlock Armor, Black PVC
Outer Jacket, CSA HL SUN RES -40C
Technical Specifications
Product Overview
Suitable Applications:
Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements Size Stranding
Material
Conductor(s) 2
12
7x20
BC - Bare Copper
Ground
1
14
7x22
BC - Bare Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
XLP, XLPO, XLPE (Thermoset) 0.03 in (0.76 mm) 0.150 in (3.81 mm)
Black, White
Inner Jacket
Material
Nom. Diameter
PVC - Polyvinyl Chloride 0.408 in (10.4 mm)
Armor
Armor Type & Material
Diameter Over Armor
AIA - Aluminum Interlock Armor 0.633 in (16.1 mm)
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.048 in (1.2 mm) 0.729 in (18.5 mm) Yes
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 1.68 Ohm/1000ft
24 Amps per Conductor at 30ºC
Ground
2.67 Ohm/1000ft (8.76 Ohm/km)
Voltage
Voltage Rating
600 V (TECK 90)
Mechanical Characteristics
Temperature
UL Temperature
Operating
Installation


Similar Part No. - C5530

ManufacturerPart #DatasheetDescription
logo
Powerbox
C553 POWERBOX-C553 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Belden Inc.
C5531 BELDEN-C5531 Datasheet
162Kb / 2P
Teck90 600V, 3G C #1214 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5531-01010000 BELDEN-C5531-01010000 Datasheet
162Kb / 2P
Teck90 600V, 3G C #1214 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5531-0102500 BELDEN-C5531-0102500 Datasheet
162Kb / 2P
Teck90 600V, 3G C #1214 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5531-0105000 BELDEN-C5531-0105000 Datasheet
162Kb / 2P
Teck90 600V, 3G C #1214 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results

Similar Description - C5530

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
C5562 BELDEN-C5562 Datasheet
165Kb / 2P
Teck90 600V, 4G C #1012 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
04-28-2023
C5501 BELDEN-C5501 Datasheet
163Kb / 2P
Teck90 600V, 3G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5508 BELDEN-C5508 Datasheet
141Kb / 2P
Teck90 600V, 10G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5502 BELDEN-C5502 Datasheet
164Kb / 2P
Teck90 600V, 4G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5529 BELDEN-C5529 Datasheet
141Kb / 2P
Teck90 600V, 40G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5538 BELDEN-C5538 Datasheet
151Kb / 2P
Teck90 600V, 10G C #1214 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5570 BELDEN-C5570 Datasheet
140Kb / 2P
Teck90 600V, 12G C #1012 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5518 BELDEN-C5518 Datasheet
164Kb / 2P
Teck90 600V, 20G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5510 BELDEN-C5510 Datasheet
151Kb / 2P
Teck90 600V, 12G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5573 BELDEN-C5573 Datasheet
140Kb / 2P
Teck90 600V, 15G C #1012 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com