Electronic Components Datasheet Search
  English  ▼

X  

C5601 Datasheet(PDF) 1 Page - Belden Inc.

Part # C5601
Description  Teck90 1000V, 3G C #48 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

C5601 Datasheet(HTML) 1 Page - Belden Inc.

  C5601 Datasheet HTML 1Page - Belden Inc. C5601 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: C5601
Teck90 1000V, 3+G C #4+8 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk
PVC Jkt, CSA HL SUN RES -40C
Product Description
Teck90 1000V, 3+G Conductor 4+8AWG (7x12) Bare Copper, XLPE Insulation M4 Color Code, PVC Inner Jacket, Aluminum Interlock Armor, Black PVC
Outer Jacket, CSA HL SUN RES -40C
Technical Specifications
Product Overview
Suitable Applications:
Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements Size Stranding
Material
Conductor(s) 3
4
7x12
BC - Bare Copper
Ground
1
8
7x16
BC - Bare Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
XLP, XLPO, XLPE (Thermoset) 0.061 in (1.5 mm) 0.347 in (8.81 mm)
Black, Red, Blue
Inner Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.083 in (2.1 mm) 0.840 in (21.3 mm)
Armor
Armor Type & Material
Diameter Over Armor
AIA - Aluminum Interlock Armor 1.174 in (29.82 mm)
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.048 in (1.2 mm) 1.270 in (32.26 mm) Yes
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Max. Current
Conductor(s) 0.26 Ohm/1000ft
95 Amps per Conductor at 30ºC
Ground
0.654 Ohm/1000ft (2.15 Ohm/km)
Voltage
Voltage Rating
1000 V (TECK 90)
Mechanical Characteristics
Temperature
UL Temperature
Operating
Installation


Similar Part No. - C5601

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
C5602 BELDEN-C5602 Datasheet
140Kb / 2P
Teck90 1000V, 4G C #48 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
logo
Panasonic Semiconductor
C5609 PANASONIC-C5609 Datasheet
45Kb / 1P
Silicon PNP epitaxial planer type
More results

Similar Description - C5601

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6179 BELDEN-6179 Datasheet
150Kb / 2P
Teck90 1000V, 4G C #3/06 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5592 BELDEN-C5592 Datasheet
150Kb / 2P
Teck90 1000V, 4G C #68 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5622 BELDEN-C5622 Datasheet
150Kb / 2P
Teck90 1000V, 4G C #26 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5590 BELDEN-C5590 Datasheet
141Kb / 2P
Teck90 1000V, 2G C #68 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5602 BELDEN-C5602 Datasheet
140Kb / 2P
Teck90 1000V, 4G C #48 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5621 BELDEN-C5621 Datasheet
162Kb / 2P
Teck90 1000V, 3G C #26 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5635 BELDEN-C5635 Datasheet
150Kb / 2P
Teck90 1000V, 3G C #2/06 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5701 BELDEN-C5701 Datasheet
151Kb / 2P
Teck90 1000V, 3G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5760 BELDEN-C5760 Datasheet
151Kb / 2P
Teck90 1000V, 2G C #1012 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
C5761 BELDEN-C5761 Datasheet
141Kb / 2P
Teck90 1000V, 3G C #1012 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com