Electronic Components Datasheet Search
  English  ▼

X  

151.024 Datasheet(PDF) 1 Page - France Joint

Part # 151.024
Description  ROD SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

151.024 Datasheet(HTML) 1 Page - France Joint

  151.024 Datasheet HTML 1Page - France Joint 151.024 Datasheet HTML 2Page - France Joint 151.024 Datasheet HTML 3Page - France Joint 151.024 Datasheet HTML 4Page - France Joint 151.024 Datasheet HTML 5Page - France Joint 151.024 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
ROD SEALS
BECA
151-153-155
|
|
TECHNICAL DATA
Temperature
-30°C / +200°C
Pressure
50 MPa
Speed
5 m/s
Media
Mineral hydraulic oils
Fire-resistant liquids
Biocompatible fluids
Water
Others (contact our experts)
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
|
|
EXTRUSION GAPS
Radial section
S
Radial gap
F/2
10 MPa
20 MPa
40 MPa
2.45
0.30
0.20
0.15
3.65
0.40
0.25
0.15
5.35
0.40
0.25
0.20
7.55
0.50
0.30
0.20
10.25
0.60
0.35
0.25
12.00
0.60
0.35
0.25
13.65
0.70
0.50
0.30
19.00
1.00
0.70
0.60
|
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.05 - 0.2 µm
≤1.6 µm
≤3.2 µm
Rz
0.4 - 1.6 µm
≤6.3 µm
≤10.0 µm
Rmax
0.63 - 2.5 µm
≤10.0 µm
≤16.0 µm
|
|
CHAMFERS AND RADIUS
Radial section
S
Radius
R1
Radius
R2
Chamfer
C
2.45
0.30
0.40
3.00
3.65
0.30
0.60
3.00
5.35
0.30
1.00
3.00
7.55
0.30
1.30
5.00
10.25
0.30
1.80
6.00
12.00
0.30
1.80
8.00
13.65
0.30
2.50
10.00
19.00
0.30
3.00
12.00
|
DESCRIPTION
The BECA 151 - 153 - 155 profiles
are double acting composite rod
seals composed of a filled PTFE
friction ring and pre-tightened rubber
O'Ring. They can be assembled
in grooves according to standard
ISO 7425/2. Option of connecting
the seal to 1 or 2 back-up rings.
|
ADVANTAGES
Optimal sealing in static and
dynamic applications
Low friction coefficient;
no stick-slip effect
Excellent abrasion and
extrusion resistance
Wide temperature range and excellent
chemical resistance, depending on
the material selected for the O'Ring
|
APPLICATIONS
Mobile hydraulics
Injection presses
Machine tools
Presses
Standard cylinders
|
MATERIALS
Friction ring
Bronze-filled PTFE
Carbon-filled PTFE
Blue GL PTFE
O'Ring
NBR 70 Shore A
FKM 70 Shore A
Other grades of materials are
available. Please refer to the
materials table on the next page.
HYDRAULIC SEALS | ROD SEALS |
BECA 151 - 153 - 155


Similar Part No. - 151.024

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
151 PRODUCTWELL-151 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
Renesas Technology Corp
151 RENESAS-151 Datasheet
829Kb / 121P
RENESAS MCU
logo
Microsemi Corporation
151 MICROSEMI-151 Datasheet
179Kb / 3P
Silicon Controlled Rectifier
logo
List of Unclassifed Man...
151 ETC2-151 Datasheet
355Kb / 1P
INTERCONNECT BATTERY HOLDERS
logo
Aries Electronics, Inc.
151 ARIES-151 Datasheet
578Kb / 1P
Easy Identification and Tracing with 10-color Cable
More results

Similar Description - 151.024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
195722 FESTO-195722 Datasheet
57Kb / 1P
Tie rod
7/21/22
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
logo
Festo Corporation.
9254 FESTO-9254 Datasheet
41Kb / 1P
rod eye
14/12/2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com