Electronic Components Datasheet Search
  English  ▼

X  

PI74FCT3244 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT3244
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT3244 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT3244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT3244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT3244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT3244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT3244 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT3244 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT3244 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PI74FCT3244
3.3V 8-Bit Buffer/Line Driver
5
PS7067I
06/20/06
Notes:
1.
Propagation Delays and Enable/Disable times are with VCC = 3.3V ± 0.3V, normal range. At VCC = 2.7V, all Propagation Delay and Enable/
Disable times are degraded by 20%.
2.
Minimum limits are guaranteed by design and characterization.
3.
Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by
design and characterization.
Switching Characteristics over Operating Range(1)
Parameters
Description
Conditions
FCT3244
Units
Com.
Min.(2)
Max.
tPHL
tPHL
Propagation Delay, DXX to OXX
CL = 50pF
RL = 500Ω
1.5
4.1
ns
tPZH
tPZL
Output Enable Time, OEX to OXX
1.5
5.8
tPHZ
tPLZ
Output Disable Time, OEX to OXX
1.5
5.2
tSK(o)
Output Skew(3)
0.5
Packaging Mechanical: 20-pin TSSOP (L)
����
������
����
����
����
����
�������
�����
�����
���
����
����
����
����
����
����
�
��
����
����
����
����
���
���
����
����
����
�����
���
���
���
���
����
����
����
����
����
���
06-0218



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com