Electronic Components Datasheet Search
  English  ▼

X  

BNS00HC Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BNS00HC
Description  Mechanical Cam Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BNS00HC Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BNS00HC Datasheet HTML 1Page - Balluff Korea Ltd. BNS00HC Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Cam Switches
BNS 819-D04-E12-100-10-S90L
Order Code: BNS00HC
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-02
Subject to change without notice: 154657
ETIM 6.0: EC001829
BNS00HC_2_2024-08-30
1 / 2
1) Reference edge, 2) Sealing ring, 3) Anti-crystallization plunger, 4) Cable passage
Basic features
Approval/Conformity
CE
UKCA
CCC
WEEE
Basic standard
IEC 60947-5-1
DIN switch
DIN 43697
Operating principle
1-4. Switch position: Mechanical
Version
Snap contact
Display/Operation
Function indicator
1-4. Switch position: None
Electrical connection
Connection
1 1/8"-Flange male, 12-pin
Connection type
1. Switch position: Connector
Electrical data
Continuous current
1-4. Switch position: 5 A
Rated operating voltage Ue
1-4. Switch position: 250 V AC
Switching function mechanical
One NO and one NC
Dual changeover
galvanically isolated
Double-interrupting
Switching rate
1-4. Switch position: 300/min
Environmental conditions
Ambient temperature
-5...85 °C
IP rating
IP67
Functional safety
B10d (EN ISO 13849-1)
BSE 30.0: 30 mil. switching cycles
Material
Housing material
Aluminium, Anodized
Housing material, surface protection
Anodized
Material contacts
1-4. Switch position: Silver, gold
plated
Plunger material
1-4. Switch position: 1.4034
stainless steel
Mechanical data
Approach direction
longitudinal, parallel to attachment
surface
Approach speed
1-4. Switch position: 30 m/min
Dimension
120 x 90 x 83 mm
Distance cam - reference edge
1-4. Switch position: 4.50...5.00
mm
Flange, feed-through
2 threaded exit M25
Installation
Vertical
Life expectancy mechanical
1-4. Switch position: 30 mil.
switching operations
Number of switching positions
4x E-chisel Mechanical
Plunger spacing 1st switch position
30 mm
Plunger style
1-4th switch position: E-chisel
Switch actuation force
1-4. Switch position: 20 N
Switching element
1-4. Switch position: BSE 30.0


Similar Part No. - BNS00HC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS00H0 BALLUFF-BNS00H0 Datasheet
194Kb / 2P
Mechanical Cam Switches
2024-08-25
BNS00H1 BALLUFF-BNS00H1 Datasheet
205Kb / 2P
Mechanical Cam Switches
2024-08-25
BNS00H6 BALLUFF-BNS00H6 Datasheet
98Kb / 2P
Mechanical Cam Switches
2022-05-17
BNS00H7 BALLUFF-BNS00H7 Datasheet
205Kb / 2P
Mechanical Cam Switches
2024-08-30
BNS00HE BALLUFF-BNS00HE Datasheet
218Kb / 2P
Mechanical Cam Switches
2024-08-30
More results

Similar Description - BNS00HC

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS000A BALLUFF-BNS000A Datasheet
105Kb / 2P
Mechanical Cam Switches
0.116_2022-06-11
BNS000C BALLUFF-BNS000C Datasheet
125Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS004Y BALLUFF-BNS004Y Datasheet
103Kb / 2P
Mechanical Cam Switches
0.114_2022-06-11
BNS04LT BALLUFF-BNS04LT Datasheet
121Kb / 2P
Mechanical Cam Switches
2_2022-05-17
BNS04WR BALLUFF-BNS04WR Datasheet
233Kb / 2P
Mechanical Cam Switches
1.2_2022-05-1
BNS0019 BALLUFF-BNS0019 Datasheet
111Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS009J BALLUFF-BNS009J Datasheet
119Kb / 2P
Mechanical Cam Switches
4_2022-05-17
BNS009M BALLUFF-BNS009M Datasheet
129Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS0469 BALLUFF-BNS0469 Datasheet
111Kb / 2P
Mechanical Cam Switches
2.2_2022-05-17
BNS0482 BALLUFF-BNS0482 Datasheet
117Kb / 2P
Mechanical Cam Switches
1_2022-05-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com