Electronic Components Datasheet Search
  English  ▼

X  

PI74FCT3244Q Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74FCT3244Q
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT3244Q Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74FCT3244Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT3244Q Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PI74FCT3244
3.3V 8-Bit Buffer/Line Driver
3
PS7067I
06/20/06
DC Electrical Characteristics (TA = –40°C to +85°C, VCC = 2.7V to 3.6V)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2) Max.
Units
VIH
Input HIGH Voltage (Input pins)
Guaranteed Logic HIGH Level
2.2
5.5
V
Input HIGH Voltage (I/O pins)
2.0
5.5
VIL
Input LOW Voltage
(Input and I/O pins)
Guaranteed Logic LOW Level
–0.5
0.8
IIH
Input HIGH Current (Input pins) VCC = Max.
VIN = 5.5V
±1
µA
Input HIGH Current (I/O pins)
VCC = Max.
VIN = VCC
±1
IIL
Input LOW Current (Input pins)
VCC = Max.
VIN = GND
±1
Input LOW Current (I/O pins)
VCC = Max.
VIN = GND
±1
IOZH
High Impedance Output Current
(3-State Output pins)
VCC = Max.
VOUT = 5.5V
±1
IOZL
VCC = Max.
VOUT = GND
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL,
VO = 1.5V(3)
–36
–60
–110
mA
IODL
Output LOW Current
VCC = 3.3V, VIN = VIH or VIL,
VO = 1.5V(3)
50
90
200
VOH
Output HIGH Voltage
VCC = Min.,
VIN = VIH or VIL
IOH = –0.1mA
VCC-0.2
V
IOH = –3mA
2.4
3.0
VCC = 3.0V,
VIN = VIH or VIL
IOH = –8mA
2.4(5)
3.0
IOH = –24mA
2.0
VOL
Output LOW Voltage
VCC = Min.,
VIN = VIH or VIL
IOL = 0.1mA
0.2
IOL = 16mA
0.2
0.4
IOL = 24mA
0.3
0.5
IOS
Short Circuit Current(4)
VCC = Max.(3), VOUT = GND
–60
–85
–240
mA
IOFF
Power Down Disable
VCC = 0V, VIN or VOUT ≤ 4.5V
±100
µA
VH
Input Hysteresis
150
mV
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = VCC – 0.6V at rated current.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
Notes:
1.
Determined by device characterization.
06-0218



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com