Electronic Components Datasheet Search
  English  ▼

X  

PIC16F87 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16F87
Description  Flash Memory Programming Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16F87_1 Datasheet HTML 2Page - Microchip Technology PIC16F87_1 Datasheet HTML 3Page - Microchip Technology PIC16F87_1 Datasheet HTML 4Page - Microchip Technology PIC16F87_1 Datasheet HTML 5Page - Microchip Technology PIC16F87_1 Datasheet HTML 6Page - Microchip Technology PIC16F87_1 Datasheet HTML 7Page - Microchip Technology PIC16F87_1 Datasheet HTML 8Page - Microchip Technology PIC16F87_1 Datasheet HTML 9Page - Microchip Technology PIC16F87_1 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PIC16F87/88
DS39607B-page 6
 2002 Microchip Technology Inc.
3.3
ID Locations
A user may store identification information (ID) in four
ID locations. The ID locations are mapped in
[0x2000:0x2003]. It is recommended that the user use
only the four Least Significant bits of each ID location.
In some devices, the ID locations read out in an
unscrambled fashion once code-protection is enabled.
For these devices, it is recommended that ID location
be written as “11 1111 1000 bbbb”, where ‘bbbb’ is
ID information.
In other devices, the ID locations read out normally,
even after code protection. To understand how the
devices behave, refer to Table 6-1.
FIGURE 3-1:
PROGRAM MEMORY MAPPING
4K words
Implemented
Accesses
0x0000 to
0x0FFF
Reserved
ID Location
ID Location
ID Location
ID Location
Reserved
Reserved
Device ID
Configuration Word 1
Configuration Word 2
2000h
2001h
2002h
2003h
2004h
2005h
2006h
2007h
0h
FFFh
1FFFh
2009h
3FFFh
2008h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com