Electronic Components Datasheet Search
  English  ▼

X  

SS0310M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SS0310M
Description  Schottky Barrier Diode 100V, 0.3A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS0310M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SS0310M Datasheet HTML 1Page - Sanyo Semicon Device SS0310M Datasheet HTML 2Page - Sanyo Semicon Device SS0310M Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS0310M
No.8373-2/3
Package Dimensions
Electrical Connection
unit : mm
7019-001
trr Test Circuit
2.0
0.65
0.3
0.15
1
2
3
12
3
Top View
Bottom View
1 : Anode
2 : No Contact
3 : Cathode
SANYO : MCPH3
Duty
≤10%
50
Ω
100
Ω
10
Ω
--5V
trr
10
µs
0
0.1
IT09594
20
0
120
100
IT09595
0.001
0.01
0.1
2
3
5
7
2
3
5
7
2
3
5
7
1.0
0.2
0.3
0.4
0.8
0.5
0.6
0.7
60
40
80
100
°C T
a=125
°C
IT09596
0
0
0.10
0.20
0.15
0.10
0.30
0.25
0.05
0.20
0.35
0.30
0.05
0.15
0.25
(1)
(2) (4) (3)
0.1
1.0
10
100
2
2
5
7
10
5
7
3
23
5 7
2
3
5 7
100
23
5 7
IT09597
IF -- VF
Forward Voltage, VF -- V
IR -- VR
Reverse Voltage, VR -- V
180
°
360
°
θ
360
°
PF(AV) -- IO
Average Output Current, IO -- A
Rectangular
wave
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Sine wave
C -- VR
Reverse Voltage, VR -- V
0.01
10
5
2
2
5
2
1.0
0.1
100
1000
10000
100000
Ta=125°
C
100°C
75°C
50°C
25
°C
0
°C
--25°C
5
2
5
2
5
2
5
2
5
12
3
1 : Anode
2 : No Contact
3 : Cathode
Top view



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com