Electronic Components Datasheet Search
  English  ▼

X  

K110 Datasheet(PDF) 2 Page - KG Technologies, Inc.

Part # K110
Description  50A POWER LATCHING RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K110 Datasheet(HTML) 2 Page - KG Technologies, Inc.

  K110 Datasheet HTML 1Page - KG Technologies, Inc. K110 Datasheet HTML 2Page - KG Technologies, Inc. K110 Datasheet HTML 3Page - KG Technologies, Inc. K110 Datasheet HTML 4Page - KG Technologies, Inc. K110 Datasheet HTML 5Page - KG Technologies, Inc. K110 Datasheet HTML 6Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Coil Data
Single Coil (Latching)
Dual Coil (Latching)
Coil Consumption
1.5W
3.0W
Pulse Duration
50ms
50ms
Coil resistance (Ω ± 10%) @ 23°C
Nominal Coil Voltage
Set/Reset Voltage VDC
Single Coil (Latching)
Dual Coil (Latching)
6Vdc
≤4.8Vdc
24Ω
2 x 12Ω
9Vdc
≤7.2Vdc
54Ω
2 x 27Ω
12Vdc
≤9.6Vdc
96Ω
2 x 48Ω
24Vdc
≤19.2Vdc
384Ω
2 x 192Ω
48Vdc
≤38.4Vdc
1536Ω
2 x 768Ω
1
Coil voltage should be indicated in three digit format (6Vdc = 006)
Ordering Information
K110
–
2
–
S
012
P
– 1A
T
– Y
Relay Series:
Configuration:
1: No switch; no auxiliary convexity
2: With switch; no auxiliary convexity
3: No switch; with auxiliary convexity
4: With switch; with auxiliary convexity
5: With switch, no auxiliary convexity
reverse action
Coil Type:
S: Single coil
D: Dual coil
Coil Voltage1:
6, 9, 12, 24, 48 Vdc
Coil Polarity:
P: Positive
N: Negative
Contact Form:
1A: Form 1A – NO
1B: Form 1B – NC
1C: Form 1C (No for K110-5)
Contact Material:
T: AgSn0
2
Construction:
Y: Sealed IP67 (Only for K110-1 and K110-3)
Z: Flux proofed
KG Technologies, Inc.
/ Phone: +1.888.513.1874 / Fax: +1.888.511.3989 / Email: info@kgtechnologies.net /
Web: www.kgtechnologies.net
06/Jun/2019
K110
Page 2 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com