Electronic Components Datasheet Search
  English  ▼

X  

HSO13 Datasheet(PDF) 2 Page - Rakon Limited

Part # HSO13
Description  ULTRA STABLE OSCILLATOR (USO) | 10-13 SHORT-TERM STABILITY CLASS OCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

HSO13 Datasheet(HTML) 2 Page - Rakon Limited

  HSO13 Datasheet HTML 1Page - Rakon Limited HSO13 Datasheet HTML 2Page - Rakon Limited HSO13 Datasheet HTML 3Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ULTRA STABLE OSCILLATOR (USO)
| 10-13 SHORT-TERM STABILITY CLASS OCXO
Issue: A4, 51001807.110, 5 July 2024
Specifications are subject to change without notice
Copyright © 2014 to 2024, Rakon Limited. All rights reserved
Page 2 of 3
Contact Us
1. Environmental Conditions
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Operating temperature
0
25
50
°C
Max. 1 °C/hour
Non-operating temperature
0
25
50
°C
-
Storage temperature
0
-
50
°C
-
Frequency stability after mechanical shocks
-
-
±10
ppb
Half sine 30 g/11 ms
Frequency stability after sine vibrations
-
-
±5
ppb
10 – 500 Hz 10 g acceleration
2. Performance Data
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency (Fn)
-
5, 10
MHz
-
Relative pulling frequency range
±20
-
±50
ppb
With VC tuning from 0 to 10 V
Power supply
Steady state
Warm-up
-
2.4
-
3
10
W
Typical 25°C
Achieving 15 minutes after startup @ 25 °C
Frequency warm-up time
1
-
15
28
mn
day
For frequency in the range Fn ± 1 ppm
For full performance
Frequency stability vs. temperature
-
-
±50
ppt
-
Frequency variation vs. supply
voltage (VCC)
-
-
±10
ppt
Vcc ± 1 % at 25 °C
Frequency variation vs. load
-
-
±20
ppt
For ±10% of load variation
Ageing
-
-
±50
±1.5
±10
±50
ppt/day
ppb/month
ppb/year
ppb/10 years
Afteraminimumof21daysofcontinuousoperation
Ageing according to the MIL-PRF-55310 version C
g-sensitivity
-
-
±1
ppb/g
Quadratic sum
Output level
4
-
6
dBm
Output waveform: Sinewave
Harmonics
-
-
-40
dBc
-
Spurious
-
-
-70
dBc
-
3. Electrical Interface
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Power supply
24 V
12 V (available on request)
22.80
11.40
24
12
25.20
12.60
V
Load impedance
-
47.5
50
52.5
Ω
Reference voltage (VREF)
Output current: 0 to 1 mA max.
-
8
-
-
4. Short-term Stability Options and Phase Noise
ADEV Option
Remarks
Tau=1s Tau= 3s – 30s
Frequency
1Hz
10Hz 100Hz
1kHz
10kHz
08
ADEV = 08E-14
1E-13
8E-14
5 MHz
10 MHz
-130
-123
-150
-141
-157
-143
-160
-143
-160
-143
10
ADEV = 10E-14
1E-13
5 MHz
10 MHz
-128
-121
-148
-141
-155
-143
-160
-143
-160
-143
15
ADEV = 15E-14
1.5E-13
5 MHz
10 MHz
-
-
-
-
-
20
ADEV = 20E-14
2E-13
5 MHz
10 MHz
-
-
-
-
-
25
ADEV = 25E-14
2.5E-13
5 MHz
10 MHz
-
-
-
-
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com