Electronic Components Datasheet Search
  English  ▼

X  

SS05015SH Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SS05015SH
Description  Schottky Barrier Diode 15V, 0.5A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS05015SH Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SS05015SH Datasheet HTML 1Page - Sanyo Semicon Device SS05015SH Datasheet HTML 2Page - Sanyo Semicon Device SS05015SH Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS05015SH
No.7719-1/3
Applications
•
High frequency rectification (switching regulators, converters, choppers).
Features
•
Low forward voltage (IF=0.3A, VF max=0.4V) (IF=0.5A, VF max=0.45V).
•
Ultrasmall package permitting applied sets to be small and slim.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
15
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
15
V
Average Output Current
IO
0.5
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=50mA
15
V
Forward Voltage
VF1IF=0.3A
0.35
0.4
V
VF2IF=0.5A
0.4
0.45
V
Reverse Current
IR
VR=6V
90
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
13
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)
Mounted on a ceramic board (900mm2!0.8mm)
120
°C / W
Marking : SA
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7719A
90505 MS IM / 11205SB TS IM TB-00001125
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SS05015SH
Schottky Barrier Diode
15V, 0.5A Rectifier


Similar Part No. - SS05015SH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
Schottky Barrier Diode 15V, 500mA Rectifier
More results

Similar Description - SS05015SH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SB0503SH SANYO-SB0503SH Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
SB0509V SANYO-SB0509V Datasheet
33Kb / 3P
Schottky Barrier Diode 90V, 0.5A Rectifier
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SBS011 SANYO-SBS011 Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 150mA Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
Schottky Barrier Diode 15V, 500mA Rectifier
logo
Diodes Incorporated
SDM05U20S3 DIODES-SDM05U20S3 Datasheet
289Kb / 5P
0.5A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Will Semiconductor Ltd.
WSB5539N WILLSEMI-WSB5539N Datasheet
1Mb / 4P
0.5A, Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com