Electronic Components Datasheet Search
  English  ▼

X  

SVC386 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC386
Description  Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC386 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC386 Datasheet HTML 1Page - Sanyo Semicon Device SVC386 Datasheet HTML 2Page - Sanyo Semicon Device SVC386 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SVC386
No.8996-2/3
Package Dimensions
Electrical Connection
unit : mm
7524-001
1
2
3
1 : Anode
2 : Cathode
3 : Anode
Top view
12
3
4.0
3.8
3.0
2.2
0.4
0.4
0.4
0.5
1.3
1.3
1 : Anode
2 : Cathode
3 : Anode
SANYO : SPA
0123
4
567
1000
7
5
3
2
100
7
5
3
2
7
5
3
2
7
5
3
2
10
10000
1000
100
Reverse Voltage, VR -- V
C, Q -- VR
Interterminal
Capacitance,
C
Quality
Factor
, Q
IT10049
VRF=20mVrms
f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com