Electronic Components Datasheet Search
  English  ▼

X  

PIIPM50F06B004 Datasheet(PDF) 5 Page - International Rectifier

Part # PIIPM50F06B004
Description  Programmable Isolated IPM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM50F06B004 Datasheet(HTML) 5 Page - International Rectifier

  PIIPM50F06B004 Datasheet HTML 1Page - International Rectifier PIIPM50F06B004 Datasheet HTML 2Page - International Rectifier PIIPM50F06B004 Datasheet HTML 3Page - International Rectifier PIIPM50F06B004 Datasheet HTML 4Page - International Rectifier PIIPM50F06B004 Datasheet HTML 5Page - International Rectifier PIIPM50F06B004 Datasheet HTML 6Page - International Rectifier PIIPM50F06B004 Datasheet HTML 7Page - International Rectifier PIIPM50F06B004 Datasheet HTML 8Page - International Rectifier PIIPM50F06B004 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.irf.com
5
PIIPM50P12B004
I27146 01/03
Absolute Maximum Ratings (TC=25ºC)
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur.
All voltage parameters are absolute voltages referenced to VDC-, all currents are defined positive into any lead.
Thermal Resistance and Power Dissipation ratings are measured at still air conditions.
Symbol
Parameter Definition
Min.
Max.
Units
VDC
DC Bus Voltage
0
1000
VCES
Collector Emitter Voltage
0
1200
V
IC @ 100C
IGBTs continuous collector current (TC = 100 ºC)
50
IC @ 25C
IGBTs continuous collector current (TC = 25 ºC)
100
ICM
Pulsed Collector Current (Fig. 3, Fig. CT.5)
200
IF @ 100C
Diode Continuous Forward Current (TC = 100 ºC)
50
IF @ 25C
Diode Continuous Forward Current (TC = 25 ºC)
100
IFM
Diode Maximum Forward Current
200
A
VGE
Gate to Emitter Voltage
-20
+20
V
PD @ 25°C
Power Dissipation (One transistor)
330
Inverter
PD @ 100°C
Power Dissipation (One transistor, TC = 100 ºC)
130
W
Vin
Non isolated supply voltage (DC- referenced)
-20
20
V
Vin-iso
Isolated supply voltage (GND iso referenced)
-5
5.5
Rx
RS422 Receiver input voltage (GND iso referenced)
-7
12
TA—EDB
Operating Ambient Temperature Range
-20
+60
TSTG-EDB
Board Storage Temperature Range
-40
+125
ºC
VISO-CONT RS232
Input-Output Continuous Withstand Voltage (RH
≤ 50%, -40°C ≤ TA ≤ 85°C )
AC
DC
800
1000
V
V
Embedded
Driving
Board
VISO-TEMP RS232
Input-Output Momentary Withstand Voltage (RH
≤ 50%, t = 1 min, TA = 25°C)
RMS
2500
V
MT
Mounting Torque
3.5
Nm
T J
Operating Junction Temperature
-40
+150
TSTG
Storage Temperature Range
-40
+125
ºC
Power
Module
Vc-iso
Isolation Voltage to Base Copper Plate
-2500
+2500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com