Electronic Components Datasheet Search
  English  ▼

X  

NT200 Datasheet(PDF) 2 Page - HMS Networks.

Part # NT200
Description  The CANbridge NT 200 is a CAN to CAN bridge/gateway can be used to easily connect two CAN systems.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMS [HMS Networks.]
Direct Link  https://www.hms-networks.com/
Logo HMS - HMS Networks.

NT200 Datasheet(HTML) 2 Page - HMS Networks.

  NT200 Datasheet HTML 1Page - HMS Networks. NT200 Datasheet HTML 2Page - HMS Networks. NT200 Datasheet HTML 3Page - HMS Networks.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V24-09
www.hms-networks.com/ixxat
Page 2 of 3
ORDER NUMBER
1.01.0331.20000
Power consumption at 12 V
Typ. 220 mA
Weight
Approx. 150 g
Dimensions
113.6 x 99 x 22.6 mm
Operating temperature
-40 °C to +85 °C
Storage temperature
-40 °C to +85 °C
Protection class
IP20
Relative humidity
10 to 95 %, non-condensing
Certification
CE, FCC, UL
Housing material
Polyamide
LED
Status LED, Power LED, CAN LEDs 1-4 and User LED. The User LED can be
configured with user defined settings via action rules.
Operating systems
Windows 11, Windows 10 (32/64), Windows 8 (32/64), Windows 7
(32/64), Linux
CERTIFICATES
ACCESSORIES
ORDER NUMBER
Termination adapter for CAN/CAN FD (D-Sub plug to
socket)
1.04.0075.03000
CAN cable 2.0 m (D-Sub plug to socket)
1.04.0076.00180
CAN Y cable 0.22 m
1.04.0076.00001
CAN Y cable 2.1 m
1.04.0076.00002
PIN ALLOCATION
1
2
3
4
1
2
3
4
V+ (+9 V to +36 V DC)
V-
PE
CAN-High
CAN-Low
CAN-GND
Shield
POWER CONNECTOR
CAN CONNECTORS
1
2
PE
4
TECHNICAL DRAWING
CONNECTORS
1 = CAN 1
2 = CAN 2
3 = Mini-USB
4 = POWER
1
2
3
22,6 mm
107 mm
113,6 mm
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com