Electronic Components Datasheet Search
  English  ▼

X  

TF250TH Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TF250TH
Description  N-channel Silicon Junction FET Electret Condenser Microphone
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF250TH Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TF250TH Datasheet HTML 1Page - Sanyo Semicon Device TF250TH Datasheet HTML 2Page - Sanyo Semicon Device TF250TH Datasheet HTML 3Page - Sanyo Semicon Device TF250TH Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TF250TH
No. A0381-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[Ta=25
°C, VCC=2V, RL=2.2kΩ, Cin=5pF, See specified Test Circuit.]
Voltage Gain
GV
VIN=10mV, f=1kHz
0.8
dB
Reduced Voltage Characteristic
∆GVV
VIN=10mV, f=1kHz, VCC=2→1.5V
--0.7
--2.0
dB
Frequency Characteristic
∆Gvf
f=1kHz to 110Hz
--1.0
dB
Total Harmonic Distortion
THD
VIN=30mV, f=1kHz
0.6
%
Output Noise Voltage
VNO
VIN=0V, A curve
--100
dB
Package Dimensions
Test Circuit
unit : mm (typ)
7031-001
ID -- VDS
ID -- VDS
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
0
0.5
2.0
1.0
1.5
300
200
250
100
50
150
0
IT10917
VGS=0V
--0.1V
--0.2V
--0.4V
--0.3V
IT10918
01
5
234
300
200
250
100
50
150
0
VGS
=0V
--0.1V
--0.2V
--0.4V
--0.3V
OSC
5pF
+
33
µF
2.2k
Ω
VCC=2V
VCC=1.5V
V
VTVM
THD
Voltage gain
Frequency Characteristic
Distortion
Reduced Voltage Characteristic
Top View
Bottom View
0.45
1.4
1
2
3
0.25
0.2
0.1
1 : Drain
2 : Source
3 : Gate
SANYO : VTFP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com