Electronic Components Datasheet Search
  English  ▼

X  

PIIPM50F06C004 Datasheet(PDF) 6 Page - International Rectifier

Part # PIIPM50F06C004
Description  Programmable Isolated IPM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PIIPM50F06C004 Datasheet(HTML) 6 Page - International Rectifier

Back Button PIIPM50F06C004 Datasheet HTML 2Page - International Rectifier PIIPM50F06C004 Datasheet HTML 3Page - International Rectifier PIIPM50F06C004 Datasheet HTML 4Page - International Rectifier PIIPM50F06C004 Datasheet HTML 5Page - International Rectifier PIIPM50F06C004 Datasheet HTML 6Page - International Rectifier PIIPM50F06C004 Datasheet HTML 7Page - International Rectifier PIIPM50F06C004 Datasheet HTML 8Page - International Rectifier PIIPM50F06C004 Datasheet HTML 9Page - International Rectifier PIIPM50F06C004 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.irf.com
6
PIIPM50P12B004
I27146 01/03
Electrical Characteristics: Inverter
For proper operation the device should be used within the recommended conditions.
TJ = 25°C (unless otherwise specified)
Symbol
Parameter Definition
Min.
Typ.
Max.
Units
Test Conditions
Fig.
V(BR)CES
Collector To Emitter Breakdown Voltage
1200
V
VGE = 0V, IC = 250
µA
∆V(BR)CES / ∆T
Temperature Coeff. of Breakdown Voltage
+1.2
V/ºC
VGE = 0V, IC = 1mA (25 - 125 ºC)
2.15
2.50
IC = 50A, VGE = 15V
5, 6
2.70
3.78
IC = 100A, VGE = 15V
7, 9
VCE(on)
Collector To Emitter Saturation Voltage
2.45
3.22
V
IC = 50A, VGE = 15V, TJ = 125 ºC
10, 11
VGE(th)
Gate Threshold Voltage
4.4
4.7
5.5
V
VCE = VGE, IC = 250
µA
∆VGE(th) / ∆Tj
Temp. Coeff. of Threshold Voltage
-1.2
mV/ºC
VCE = VGE, IC = 1mA (25 - 125 ºC)
12
gfe
Forward Trasconductance
29
33
38
S
VCE = 50V, IC = 50A, PW = 80
µs
500
VGE = 0V, VCE = 1200V
650
1350
VGE = 0V, VCE = 1200V, TJ = 125 ºC
ICES
Zero Gate Voltage Collector Current
4000
µA
VGE = 0V, VCE = 1200V, TJ = 150 ºC
1.78
2.1
IC = 50A
8
VFM
Diode Forward Voltage Drop
1.90
2.22
V
IC = 50A, TJ = 125 ºC
8
IRM
Diode Reverse Leakage Current
20
µA
VR = 1200V, TJ = 25 ºC
IGES
Gate To Emitter Leakage Current
±200
nA
VGE = 20V
R1/2/3
Sensing Resistors
1.98
2
2.02
Rsh
DC bus minus series shunt resistor
1.98
2
2.02
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com