Electronic Components Datasheet Search
  English  ▼

X  

TF252 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TF252
Description  N-channel Silicon Junction FET Electret Condenser Microphone
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF252 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TF252 Datasheet HTML 1Page - Sanyo Semicon Device TF252 Datasheet HTML 2Page - Sanyo Semicon Device TF252 Datasheet HTML 3Page - Sanyo Semicon Device TF252 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TF252
No. A0841-2/4
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gate-to-Drain Breakdown Voltage
V(BR)GDO
IG=--100µA--20
V
Cutoff Voltage
VGS(off)
VDS=2V, ID=1µA--0.1
--0.4
--1.0
V
Zero-Gate Voltage Drain Current
IDSS
VDS=2V, VGS=0V
140*
350*
µA
Forward Transfer Admittance
yfs
VDS=2V, VGS=0V, f=1kHz
0.8
1.4
mS
Input Capacitance
Ciss
VDS=2V, VGS=0V, f=1MHz
3.1
pF
Reverse Transfer Capacitance
Crss
VDS=2V, VGS=0V, f=1MHz
0.95
pF
[Ta=25°C, VCC=2V, RL=2.2kΩ, Cin=5pF, See specified Test Circuit.]
Voltage Gain
GV
VIN=10mV, f=1kHz
1.0
dB
Reduced Voltage Characteristic
∆GVV
VIN=10mV, f=1kHz, VCC=2.0→1.5V
--0.6
--2.0
dB
Frequency Characteristic
∆Gvf
f=1kHz to 110Hz
--1.0
dB
Total Harmonic Distortion
THD
VIN=30mV, f=1kHz
0.65
%
Output Noise Voltage
VNO
VIN=0V, A curve
--106
--102
dB
*
: The TF252 is classified by IDSS as follows : (unit : µA)
Rank
45
IDSS
140 to 240
210 to 350
Package Dimensions
Test Circuit
unit : mm (typ)
7055-001
ID -- VDS
ID -- VDS
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
0
0.5
2.0
1.0
1.5
300
200
250
100
50
150
0
IT12440
VGS=0V
--0.10V
--0.15V
--0.05V
--0.20V
--0.30V
--0.25V
IT12441
01
5
234
350
300
200
250
100
50
150
0
VGS=0V
--0.1V
--0.2V
--0.4V
--0.3V
OSC
5pF
+
33µF
2.2kΩ
VCC=2V
VCC=1.5V
V
VTVM
THD
Voltage gain
Frequency Characteristic
Distortion
Reduced Voltage Characteristic
1 : Drain
2 : Source
3 : Gate
SANYO : USFP
0.6
0.2
0.11
0to 0.02
0.15
0.175

!

!



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com