Electronic Components Datasheet Search
  English  ▼

X  

BATMON500 Datasheet(PDF) 1 Page - Aims Power

Part # BATMON500
Description  AIMS POWER BATTERY MONITOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMSPOWER [Aims Power]
Direct Link  https://www.aimscorp.net/
Logo AIMSPOWER - Aims Power

BATMON500 Datasheet(HTML) 1 Page - Aims Power

  BATMON500 Datasheet HTML 1Page - Aims Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
@,,AIMS POWER™
AIMS POWER BATTERY MONITOR
USER MANUAL
Product Introduction:
The Aims Power Battery Monitor is a high-precision meter that allows
you to check the status of your battery via the monitor display or your
smartphone. Through the use of the current shunt, the battery monitor
measures the discharge or recharge currents and calculates the
Ampere-hours (Ah) going in and out of the battery. High-precision
voltage measurements are taken and displayed in real-time through the
use of a field-installed sense wire.
The Aims Power battery monitor is compatible with all types of batteries
including Lithium-ion, lead-acid and nickel-metal hydride batteries.
Applications:
Suitable for traction/mobile and
stationary applications.
• Golf Carts & Utility Vehicles
• Marine RVs
• Solar Energy Storage
• Aerial Work Platforms
• Robots
Data Displayed:
• Battery Voltage
• Battery Current
• Battery State of Charge (SOC)
• Total Ampere-hours
Email: customerservice@aimscorp.net Website: www.aimscorp.net
BATTERY MONITOR
Electrical Connections:
NOTE: Given the multitude of different applications for which
this monitor can be used, the correct gauge of wire to be used
is not specified. If you are unsure of the correct gauge for your
setup, please consult a qualified automotive electrician or
contact AIMS POWERtechnical support for advice.
As shown in figure 3:
1. Connect the "B-" terminal of the shunt by running a cable to
the negative terminal of the battery.
2. Connect all the load and charger negative cables to the "P-"
terminal of the shunt, or if these cables are combined onto a
bus bar or fuse box, then run a cable from the bus bar or fuse
box.
3. Connect the sense wire to one of the two terminals marked
"B+"
on the shunt, and connect the ring connector to the
positive terminal of the battery.
4. Finally, connect the monitor's shielded display cable (already
attached to the display) to the shunt.
BATTERY MONITOR
Parameter
Min
Max
Unit
Voltage
8.0
80.0
V
Current
0.0
500.0
A
Capacity
0.1
999.0
Ah
Temperature
-13
131
F
Active Parasitic Current
14.0
mA
Standby Parasitic Current
0.8
mA
Sleep Parasitic Current
80.0
uA
Voltage Accuracy
±1
%
Current Accuracy
±1
%
Capacity Accuracy
±1
%
Included Components:
• Current shunt
Additional Components
Needed For Installation:
, Shielded wire (1M)
• Display
• Additional battery cable
(for the negative terminal)
• Butterfly nut
• Sense wire 22AWG (1M)
• Bezel square
• 54mm hole saw or knock out
tool (for panel-mount
applications)
Battery Display:
Battery indicator
Charge indicator
Discharge indicator
Value
Preparation Steps:
BATTERY MDNITDR
-
EB@@
BATTERY MONITOR
V: Present voltage
A: Present current
Ah: Present capacity
Capacity
percentage
Fully charge the battery bank to 100% SOC.
Failure to take this step will lead to erroneous SOC readings.
Setting Up The Battery Monitor:
1.Ensure the battery display indicates the discharge current
and the charge current correctly. Use the charge and
discharge indicators to ensure it is capturing the appropriate
current direction (in/out).
2.Ensure that the battery voltage is displayed correctly.
3. Fully charge the battery bank such that it reaches 100% SOC.
4. To initialize the capacity, press the % button for three
seconds to set the capacity to 100%.
5. To enter the capacity, press the A/Ah button for three
seconds. Use the V button and the % button to increase or
decrease the capacity. Press the NAh button when done.
6. For parallel connections:
Enter the total capacity of the system by adding the
capacities in Ahs of each battery. For example, three S0Ah
batteries in parallel will sum up to 150Ah.
For series connections:
a. The system capacity will equal the capacity of a single
battery.
b. Connect the voltage sense wire to the battery that has
the positive terminal of the system.
For Series-Parallel connections:
Connect the shunt to the battery that has the negative
terminal of the system, and the voltage sense wire to the
battery that has the positive terminal of the system.
ConnectingToThe Smart Battery Monitor App:
1. Install the AIMS POWER Battery Monitor APP via the
Google TM or Apple App store.
BATTERY MONITOR
Dimensions:
Monitor Display Installation:
1. Use a hole saw to cut a
54mm hole in the surface
on which the battery
monitor is to be mounted.
2.If you can access the hole
from the rear, insert the
monitor into the hole from
the front. From the rear, slip
the bracket over the stud
and screw the wingnut onto
the stud and tighten until
the bracket is firmly holding
the display in place.
3. lf you cannot access the
hole from the rear, then you
can use the bezel square,
following similar steps as
specified in point 2.
7
E
E
st
J
Then use the 4 screw holes to attach the monitor with the
bezel square
from the front of the hole.
BATTERY MONITOR
2. Open the app and select the Battery
Monitor by its serial number.
3. At the 'SETTINGS' screen, enter the battery
parameter information required followed
by tapping 'SAVE SITTINGS' on the bottom.
4. Tap the setting button on the top right,
into the 'CALIBRATION' screen, enter the
battery parameter information required,
followed by tapping 'SAVE SETTING' at
the bottom.
5. You will now be in the dashboard where
you can monitor the battery's state of
charge, voltage, current, temperature, time
remaining and the cycle life.
6. Your smart battery monitor is now ready
to use.
'Aims Power Battery Monitor'App Interface:
------
Technical Support:
If you have technical questions about your
Battery Monitor, please contact the original place of purchase
or AMIS POWER directly.
Warranty:
One-year limited warranty.
Email: customerservice@aimscorp.net Website: www.aimscorp.net


Similar Part No. - BATMON500

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BATMOD VICOR-BATMOD Datasheet
84Kb / 2P
Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
247Kb / 3P
BatMod Battery Charger Current Source Modules
More results

Similar Description - BATMON500

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
Smart Battery Monitor
logo
Micrel Semiconductor
MIC845 MICREL-MIC845 Datasheet
137Kb / 7P
Micro-Power Comparator/ Battery Monitor
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
Battery Monitor
2004
logo
Micrel Semiconductor
MIC845 MICREL-MIC845_11 Datasheet
143Kb / 7P
Micro-Power Comparator Battery Monitor
logo
Maxim Integrated Produc...
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
Smart Battery Monitor
070605
logo
Shanghai Consonance Ele...
CN301 CONSONANCE-CN301 Datasheet
246Kb / 9P
Ultra Low Power Battery Monitor
logo
Shenzhen Huazhimei Semi...
HM6100 HMSEMI-HM6100 Datasheet
454Kb / 6P
Ultra Low Power Battery Monitor
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
Smart Battery Monitor
070605
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
Smart Battery Monitor
070600
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com