Electronic Components Datasheet Search
  English  ▼

X  

TC1017 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 2 Page - Microchip Technology

  TC1017_V01 Datasheet HTML 1Page - Microchip Technology TC1017_V01 Datasheet HTML 2Page - Microchip Technology TC1017_V01 Datasheet HTML 3Page - Microchip Technology TC1017_V01 Datasheet HTML 4Page - Microchip Technology TC1017_V01 Datasheet HTML 5Page - Microchip Technology TC1017_V01 Datasheet HTML 6Page - Microchip Technology TC1017_V01 Datasheet HTML 7Page - Microchip Technology TC1017_V01 Datasheet HTML 8Page - Microchip Technology TC1017_V01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TC1017
DS20001813G-page 2
 2005-2023 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ..................................................................................................................................................................................... 6.5V
Power Dissipation ........................................................................................................................................... Internally Limited (Note 7)
Maximum Voltage On Any Pin.................................................................................................................................... VIN + 0.3V to -0.3V
ESD Protection on All Pins (Note 1)
HBM ................................................................................................................................................................................ ±2 kV
MM ................................................................................................................................................................................. ±200V
CDM............................................................................................................................................................................. ±1.5 kV
Note 1: Testing was performed per AEC-Q100 standard. For additional information contact your local Microchip
sales office.
†Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 1.0 µF, SHDN > VIH, TA = +25°C
Boldface type specifications apply for junction temperatures of -40°C to +125°C.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Input Operating Voltage
VIN
2.7
—
6.0
V
Note 1
Maximum Output Current
IOUTMAX
100
——
mA
Note 1
150
——
VIN >= 3V and
VIN >= (VR + 2.5%) +
VDROPOUTMAX
Output Voltage
VOUT
VR – 2.5%
VR ±0.5%
VR + 2.5%
V
Note 2
V
OUT Temperature Coefficient
TCVOUT
—
40
—
ppm/°C Note 3
Line Regulation
VOUT/VIN)| / VR
—0.04
0.2
%/V
(VR + 1V) < VIN < 6V
Load Regulation (Note 4)
VOUT| / VR
—0.38
1.5
%IL = 0.1 mA to IOUTMAX
Dropout Voltage (Note 5)
VIN – VOUT
—
—
—
—
2
90
180
285
—
200
350
500
mV
IL = 100 µA
IL = 50 mA
IL = 100 mA
IL = 150 mA
Supply Current
IIN
—53
90
µA
SHDN = VIH, IL = 0
Shutdown Supply Current
IINSD
—
0.05
2
µA
SHDN = 0V
Note 1:
The minimum V
IN has to meet two conditions: VIN  2.7V and VIN  (VR + 2.5%) + VDROPOUT.
2:
V
R is the regulator voltage setting. For example: VR = 1.8V, 2.7V, 2.8V, 3.0V.
3:
4:
Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested
over a load range from 0.1 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
5:
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal
value at a 1V differential.
6:
Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for t = 10 msec.
7: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction-to-air (i.e., T
A, TJ, JA). Exceeding the maximum allowable power
dissipation causes the device to initiate thermal shutdown. Please see Section 5.1 “Thermal Shutdown”, for more
details
.
8: Output current is limited to 120 mA (typ) when V
OUT is less than 0.5V due to a load fault or short-circuit condition.
TCVOUT
VOUTMAX VOUTMIN
–
 10
6
VOUT
T
--------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com